Electronic Components Datasheet Search
  English  ▼

X  

MICRF001 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MICRF001
Description  QwikRadiotm Receiver/Data Demodulator Advance Information
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF001 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MICRF001 Datasheet HTML 1Page - Micrel Semiconductor MICRF001 Datasheet HTML 2Page - Micrel Semiconductor MICRF001 Datasheet HTML 3Page - Micrel Semiconductor MICRF001 Datasheet HTML 4Page - Micrel Semiconductor MICRF001 Datasheet HTML 5Page - Micrel Semiconductor MICRF001 Datasheet HTML 6Page - Micrel Semiconductor MICRF001 Datasheet HTML 7Page - Micrel Semiconductor MICRF001 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Micrel Inc. • 1849 Fortune Drive San Jose, Ca 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 944-0970 • http://www.micrel.com
MICRF001
QwikRadio
tm Receiver/Data Demodulator
Advance Information
General Description
The MICRF001 is a single chip OOK (ON-OFF Keyed) Receiver
IC for remote wireless applications, employing Micrel’s latest
QwikRadio
tm technology. This device is a true “antenna-in, data-
out” monolithic device. All RF and IF tuning is accomplished
automatically within the IC, which eliminates manual tuning, and
reduces production costs. Receiver functions are completely
integrated. The result is a highly reliable yet extremely low cost
solution for high volume wireless applications.
Because the
MICRF001 is a true single-chip radio receiver, it is extremely
easy to apply, minimizing design and production costs, and
improving time to market.
The MICRF001 uses a novel
architecture that allows the
receiver to demodulate signals over a wide RF band, which
eliminates the need for manual tuning. This also significantly
relaxes the frequency accuracy and stability requirements of the
Transmitter, allowing the MICRF001 to be compatible with both
SAW-based and LC-based transmitters. The receiver sensitivity
and selectivity are sufficient to provide low bit error rates for
decode ranges over 100 meters, equaling the performance of
other more expensive solutions.
All tuning and alignment are accomplished on-chip by a low-
cost ceramic resonator or with an externally supplied clock
reference.
Initial tolerance requirements on the ceramic
resonator or external clock is a modest ±0.5%. The MICRF001
performance is insensitive to data modulation duty cycle. The
MICRF001 may be used with such coding schemes as
Manchester or 33/66% PWM.
All post-detection (demodulator) data filtering is provided on the
MICRF001, so no external filters need to be designed. Any one
of four filter bandwidths may be selected externally by the user.
Bandwidths range from 0.6kHz to 4.8kHz in binary steps
Features
• Complete UHF receiver on a monolithic chip
• Frequency range 300 to 440 MHz
• Typical range over 100 meters with monopole
antenna
• Data rates to 4.8kbps
• Automatic tuning, no manual adjustment
• No Filters or Inductors required
• Very low RF re-radiation at the antenna
• Direct CMOS logic interface to standard decoder and
microprocessor ICs
• Extremely low external part count
Applications
• Keyless Entry
• Security Systems
• Remote Fan/Light Control
• Garage Door Openers
387 MHz, 1200 BAUD OOK RECEIVER
Typical Operating Circuit


Similar Part No. - MICRF001

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF002 MICREL-MICRF002 Datasheet
188Kb / 13P
QwikRadiotm Low Power UHF Receiver Preliminary Information
MICRF002 MICREL-MICRF002 Datasheet
180Kb / 16P
300-440MHz QwikRadio?줐SK Receiver
MICRF002 MICREL-MICRF002 Datasheet
377Kb / 17P
300-440MHz QwikRadio짰 ASK Receiver
MICRF002BM MICREL-MICRF002BM Datasheet
188Kb / 13P
QwikRadiotm Low Power UHF Receiver Preliminary Information
MICRF002BM MICREL-MICRF002BM Datasheet
180Kb / 16P
300-440MHz QwikRadio?줐SK Receiver
More results

Similar Description - MICRF001

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF002 MICREL-MICRF002 Datasheet
188Kb / 13P
QwikRadiotm Low Power UHF Receiver Preliminary Information
MICRF003 MICREL-MICRF003 Datasheet
216Kb / 16P
QwikRadiotm 900 MHz UHF Receiver Preliminary Information
MICRF004 MICREL-MICRF004 Datasheet
94Kb / 16P
QwikRadio??Low-Power VHF Receiver Advance Information
MICRF011 MICREL-MICRF011 Datasheet
147Kb / 11P
QwikRadiotm Receiver/Data Demodulator Preliminary Information
logo
Mitel Networks Corporat...
MH88437-P MITEL-MH88437-P Datasheet
96Kb / 16P
Data Access Arrangement Advance Information
logo
Zarlink Semiconductor I...
SP8602 ZARLINK-SP8602 Datasheet
320Kb / 7P
ADVANCE INFORMATION
logo
Motorola, Inc
MC68HC08AZ0 MOTOROLA-MC68HC08AZ0 Datasheet
4Mb / 444P
Advance Information
MC68HC08AZ60 MOTOROLA-MC68HC08AZ60 Datasheet
3Mb / 452P
Advance Information
MC68HC08AZ32 MOTOROLA-MC68HC08AZ32 Datasheet
4Mb / 424P
Advance Information
logo
Freescale Semiconductor...
MC68HC705P6A FREESCALE-MC68HC705P6A_13 Datasheet
438Kb / 98P
Advance Information Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com