Electronic Components Datasheet Search
  English  ▼

X  

LM48312 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM48312
Description  Boomer Audio Power Amplifier Series 2.6W, Ultra-Low EMI, Filterless, Mono Class D Audio Power Amplifier with E2S
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM48312 Datasheet(HTML) 5 Page - Texas Instruments

  LM48312 Datasheet HTML 1Page - Texas Instruments LM48312 Datasheet HTML 2Page - Texas Instruments LM48312 Datasheet HTML 3Page - Texas Instruments LM48312 Datasheet HTML 4Page - Texas Instruments LM48312 Datasheet HTML 5Page - Texas Instruments LM48312 Datasheet HTML 6Page - Texas Instruments LM48312 Datasheet HTML 7Page - Texas Instruments LM48312 Datasheet HTML 8Page - Texas Instruments LM48312 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
DUT
ZL
AUDIO
ANALYZER
200 mVp-p
VDD
IN+
IN-
VDD
LPF
+
-
DUT
VDD
200 mVp-p
VDD
IN+
IN-
ZL
AUDIO
ANALYZER
LPF
LM48312
www.ti.com
SNAS494D – JANUARY 2010 – REVISED MAY 2013
Electrical Characteristics VDD = PVDD = 5V
(1)(2) (continued)
The following specifications apply for AV = 6dB, RL = 8Ω, f = 1kHz, unless otherwise specified. Limits apply for TA = 25°C.
LM48312
Units
Symbol
Parameter
Conditions
Min
Typ
Max
(Limits)
(3)
(4)
(3)
VDD = 5V, POUT = 1W
88
%
η
Efficiency
VDD = 3.3V, POUT = 400mW
85
%
SNR
Signal to Noise Ratio
PO = 1W
95
dB
CMVR
Common Mode Input Voltage Range
0
VDD – 0.25
V
Un-weighted, AV = 0dB
69
μV
εOS
Output Noise
A-weighted, AV = 0dB
48
μV
Test Circuits
Figure 3. PSRR Test Circuit
Figure 4. CMRR Test Circuit
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM48312



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com