Electronic Components Datasheet Search
  English  ▼

X  

LM48312 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM48312
Description  Boomer Audio Power Amplifier Series 2.6W, Ultra-Low EMI, Filterless, Mono Class D Audio Power Amplifier with E2S
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM48312 Datasheet(HTML) 3 Page - Texas Instruments

  LM48312 Datasheet HTML 1Page - Texas Instruments LM48312 Datasheet HTML 2Page - Texas Instruments LM48312 Datasheet HTML 3Page - Texas Instruments LM48312 Datasheet HTML 4Page - Texas Instruments LM48312 Datasheet HTML 5Page - Texas Instruments LM48312 Datasheet HTML 6Page - Texas Instruments LM48312 Datasheet HTML 7Page - Texas Instruments LM48312 Datasheet HTML 8Page - Texas Instruments LM48312 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
LM48312
www.ti.com
SNAS494D – JANUARY 2010 – REVISED MAY 2013
BUMP DESCRIPTION
Pin
Name
Description
A1
IN+
Non-Inverting Input
A2
SD
Active Low Shutdown Input. Connect to VDD for normal operation.
A3
OUTA
Non-Inverting Output
B1
VDD
Power Supply
B2
PVDD
H-Bridge Power Supply
B3
PGND
Ground
C1
IN-
Inverting Input
Gain Select:
GAIN = FLOAT: AV = 0dB
GAIN = VDD: AV = 3dB
C2
GAIN
GAIN = GND: AV = 6dB
GAIN = 20k
Ω to GND = 9dB
GAIN = 20k
Ω to VDD = 12dB
C3
OUTB
Inverting Output
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2) (3)
Supply Voltage
6.0V
Storage Temperature
−65°C to +150°C
Input Voltage
− 0.3V to VDD +0.3V
Power Dissipation(4)
Internally Limited
ESD Rating(5)
2000V
ESD Rating(6)
200V
Junction Temperature
150°C
Thermal Resistance
θJA
70°C/W
Soldering Information
See AN-1112 (SNVA009) "DSBGA Wafer Level Chip Scale Package."
(1)
“Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur, including inoperability and degradation of
device reliability and/or performance. Functional operation of the device and/or non-degradation at theAbsolute Maximum Ratings or
other conditions beyond those indicated in the Recommended Operating Conditions is not implied. The Recommended Operating
Conditionsindicate conditions at which the device is functional and the device should not be operated beyond such conditions. All
voltages are measured with respect to the ground pin, unless otherwise specified.
(2)
The Electrical Characteristics tables list ensured specifications under the listed Recommended Operating Conditions except as
otherwise modified or specified by the Electrical Characteristics Conditions and/or Notes. Typical specifications are estimations only and
are not ensured.
(3)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(4)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA, and the ambient temperature,
TA. The maximum allowable power dissipation is PDMAX = (TJMAX - TA) / θJA or the number given inAbsolute Maximum Ratings,
whichever is lower.
(5)
Human body model, applicable std. JESD22-A114C.
(6)
Machine model, applicable std. JESD22-A115-A.
Operating Ratings
(1) (2)
Temperature Range
TMIN ≤ TA ≤ TMAX
−40°C ≤ TA ≤ +85°C
Supply Voltage (VDD, PVDD)
2.4V
≤ VDD ≤ 5.5V
(1)
“Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur, including inoperability and degradation of
device reliability and/or performance. Functional operation of the device and/or non-degradation at theAbsolute Maximum Ratings or
other conditions beyond those indicated in the Recommended Operating Conditions is not implied. The Recommended Operating
Conditionsindicate conditions at which the device is functional and the device should not be operated beyond such conditions. All
voltages are measured with respect to the ground pin, unless otherwise specified.
(2)
The Electrical Characteristics tables list ensured specifications under the listed Recommended Operating Conditions except as
otherwise modified or specified by the Electrical Characteristics Conditions and/or Notes. Typical specifications are estimations only and
are not ensured.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM48312



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com