Electronic Components Datasheet Search
  English  ▼

X  

LM48312 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM48312
Description  Boomer Audio Power Amplifier Series 2.6W, Ultra-Low EMI, Filterless, Mono Class D Audio Power Amplifier with E2S
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM48312 Datasheet(HTML) 1 Page - Texas Instruments

  LM48312 Datasheet HTML 1Page - Texas Instruments LM48312 Datasheet HTML 2Page - Texas Instruments LM48312 Datasheet HTML 3Page - Texas Instruments LM48312 Datasheet HTML 4Page - Texas Instruments LM48312 Datasheet HTML 5Page - Texas Instruments LM48312 Datasheet HTML 6Page - Texas Instruments LM48312 Datasheet HTML 7Page - Texas Instruments LM48312 Datasheet HTML 8Page - Texas Instruments LM48312 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LM48312
www.ti.com
SNAS494D – JANUARY 2010 – REVISED MAY 2013
LM48312 Boomer™ Audio Power Amplifier Series 2.6W, Ultra-Low EMI, Filterless, Mono
Class D Audio Power Amplifier with E2S
Check for Samples: LM48312
1
FEATURES
DESCRIPTION
The LM48312 is a single supply, high efficiency,
23
•
Passes FCC Class B Radiated Emissions with
mono, 2.6W, filterless switching audio amplifier. The
20 Inches of Cable
LM48312
features
TI’s
Enhanced
Emissions
•
E2S System Reduces EMI While Preserving
Suppression (E2S) system, that features a unique
Audio Quality and Efficiency
patented ultra low EMI, spread spectrum, PWM
architecture, that significantly reduces RF emissions
•
Output Short Circuit Protection with Auto-
while preserving audio quality and efficiency. The E2S
Recovery
system
improves
battery
life,
reduces
external
•
No Output Filter Required
component count, board area consumption, and
•
Improved Audio Quality
system cost, simplifying design.
•
Minimum External Components
The LM48312 is designed to meet the demands of
•
Five Logic Selectable Gain Settings (0, 3, 6, 9,
portable multimedia devices. Operating from a single
12dB)
5V supply, the device is capable of delivering 2.6W of
continuous output power to a 4
Ω load with less than
•
Low Power Shutdown Mode
10% THD+N. Flexible power supply requirements
•
Click and Pop Suppression
allow operation from 2.4V to 5.5V. The LM48312
•
Available in Space-Saving DSBGA Package
features both a spread spectrum modulation scheme,
and an advanced, patented edge rate control (ERC)
architecture that significantly reduces emissions,
APPLICATIONS
while maintaining high quality audio reproduction
•
Mobile Phones
(THD+N = 0.03%) and high efficiency (
η = 88%).
•
PDAs
The LM48312 features high efficiency compared to
•
Laptops
conventional Class AB amplifiers, and other low EMI
Class D amplifiers. When driving an 8
Ω speaker from
KEY SPECIFICATIONS
a 5V supply, the device operates with 88% efficiency
at PO = 1W. The LM48312 features five gain settings,
•
Efficiency at 3.6V, 400mW into 8
Ω, 84% (Typ)
selected through a single logic input, further reducing
•
Efficiency at 5V, 1W into 8
Ω, 88% (Typ)
solution size. A low power shutdown mode reduces
•
Quiescent Power Supply Current at 5V, 3.1mA
supply current consumption to 0.01µA.
•
Power Output at VDD = 5V, RL = 4Ω
Advanced output short circuit protection with auto-
–
THD+N
≤ 10%, 2.6W (Typ)
recovery prevents the device from being damaged
during fault conditions. Superior click and pop
–
THD+N
≤ 1%, 2.1W (Typ)
suppression eliminates audible transients on power-
•
Power Output at VDD = 5V, RL = 8Ω
up/down and during shutdown.
–
THD+N
≤ 10%, 1.6W (Typ)
–
THD+N
≤ 1%, 1.3W (Typ)
•
Shutdown Current, 0.01
μA (Typ)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Boomer is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM48312

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM48312 NSC-LM48312 Datasheet
943Kb / 20P
2.6W, Ultra-Low EMI, Filterless, Mono Class D Audio Power Amplifier with E2S
logo
Texas Instruments
LM48312 TI2-LM48312 Datasheet
814Kb / 23P
LM48312 Boomer™ Audio Power Amplifier Series 2.6W, Ultra-Low EMI, Filterless, Mono Class D Audio Power Amplifier with E2S
REVISED MAY 2013
logo
National Semiconductor ...
LM48312TLE NSC-LM48312TLE Datasheet
943Kb / 20P
2.6W, Ultra-Low EMI, Filterless, Mono Class D Audio Power Amplifier with E2S
logo
Texas Instruments
LM48312TLE/NOPB TI2-LM48312TLE/NOPB Datasheet
814Kb / 23P
LM48312 Boomer™ Audio Power Amplifier Series 2.6W, Ultra-Low EMI, Filterless, Mono Class D Audio Power Amplifier with E2S
REVISED MAY 2013
LM48312TLE/NOPB.A TI2-LM48312TLE/NOPB.A Datasheet
814Kb / 23P
LM48312 Boomer™ Audio Power Amplifier Series 2.6W, Ultra-Low EMI, Filterless, Mono Class D Audio Power Amplifier with E2S
REVISED MAY 2013
More results

Similar Description - LM48312

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM48411 NSC-LM48411 Datasheet
407Kb / 18P
Ultra-Low EMI, Filterless, 2.5W, Stereo, Class D Audio Power Amplifier with E2S
LM48411 NSC-LM48411_08 Datasheet
443Kb / 22P
Ultra-Low EMI, Filterless, 2.5W, Stereo, Class D Audio Power Amplifier with E2S
LM48310 NSC-LM48310 Datasheet
477Kb / 20P
Ultra-Low EMI, Filterless, 2.6W, Mono, Class D Audio Power Amplifier with E2S
LM48311 NSC-LM48311 Datasheet
485Kb / 16P
Ultra-Low EMI, Filterless, 2.6W, Mono, Class D Audio Power Amplifier with E2S
LM48312 NSC-LM48312 Datasheet
943Kb / 20P
2.6W, Ultra-Low EMI, Filterless, Mono Class D Audio Power Amplifier with E2S
logo
Texas Instruments
LM48310SD TI-LM48310SD Datasheet
1,013Kb / 22P
LM48310 Ultra-Low EMI, Filterless, 2.6W, Mono, Class D Audio Power Amplifier with E2S
LM48310 TI1-LM48310_14 Datasheet
1Mb / 23P
Ultra-Low EMI, Filterless, 2.6W, Mono, Class D Audio Power Amplifier with E2S
LM48411 TI1-LM48411_14 Datasheet
875Kb / 23P
Ultra-Low EMI, Filterless, 2.5W, Stereo, Class D Audio Power Amplifier with E2S
LM48512 TI-LM48512_15 Datasheet
1Mb / 22P
Boomer Audio Power Amplifier Series PowerWise Boosted, Ultra Low-EMI, Mono, E2S Class D Audio Power Amplifier
logo
Diodes Incorporated
PAM8303C DIODES-PAM8303C Datasheet
775Kb / 17P
ULTRA LOW EMI, 3W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com