Electronic Components Datasheet Search
  English  ▼

X  

LM48312 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM48312
Description  Boomer Audio Power Amplifier Series 2.6W, Ultra-Low EMI, Filterless, Mono Class D Audio Power Amplifier with E2S
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM48312 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM48312 Datasheet HTML 6Page - Texas Instruments LM48312 Datasheet HTML 7Page - Texas Instruments LM48312 Datasheet HTML 8Page - Texas Instruments LM48312 Datasheet HTML 9Page - Texas Instruments LM48312 Datasheet HTML 10Page - Texas Instruments LM48312 Datasheet HTML 11Page - Texas Instruments LM48312 Datasheet HTML 12Page - Texas Instruments LM48312 Datasheet HTML 13Page - Texas Instruments LM48312 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
-80
-60
-40
-20
0
10
100
1k
10k
100k
FREQUENCY (Hz)
-80
-70
-60
-50
-40
-30
-20
-10
0
10
100
1k
10k
100k
FREQUENCY (Hz)
0
0.5
1
1.5
2
2.5
3
3.5
2.5
3
3.5
4
4.5
5
5.5
SUPPLY VOLTAGE (V)
THD + N = 10%
THD + N = 1%
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
SUPPLY VOLTAGE (V)
THD + N = 10%
THD + N = 1%
0
100
200
300
400
0
500
1000
1500
2000
2500
VDD = 5V
VDD = 3.3V
VDD = 2.5V
OUTPUT POWER (mW)
0
25
50
75
100
125
150
0
250
500
750
1000
1250
1500
OUTPUT POWER (mW)
VDD = 5V
VDD = 3.3V
VDD = 2.5V
LM48312
SNAS494D – JANUARY 2010 – REVISED MAY 2013
www.ti.com
Typical Performance Characteristics (continued)
For all performance graphs, the Output Gains are set to 0dB, unless otherwise noted.
Power Dissipation vs Output Power
Power Dissipation vs Output Power
f = 1kHz, RL = 4Ω
f = 1kHz, RL = 8Ω
Figure 29.
Figure 30.
Output Power vs Supply Voltage
Output Power vs Supply Voltage
f = 1kHz, RL = 4Ω
f = 1kHz, RL = 8Ω
Figure 31.
Figure 32.
PSRR vs Frequency
CMRR vs Frequency
VDD = 5V, VRIPPLE = 200mVP-P, RL = 8Ω
VDD = 5V, VRIPPLE = 1VP-P, RL = 8Ω
Figure 33.
Figure 34.
10
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LM48312



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com