Electronic Components Datasheet Search
  English  ▼

X  

LM48312 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LM48312
Description  Boomer Audio Power Amplifier Series 2.6W, Ultra-Low EMI, Filterless, Mono Class D Audio Power Amplifier with E2S
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM48312 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM48312 Datasheet HTML 13Page - Texas Instruments LM48312 Datasheet HTML 14Page - Texas Instruments LM48312 Datasheet HTML 15Page - Texas Instruments LM48312 Datasheet HTML 16Page - Texas Instruments LM48312 Datasheet HTML 17Page - Texas Instruments LM48312 Datasheet HTML 18Page - Texas Instruments LM48312 Datasheet HTML 19Page - Texas Instruments LM48312 Datasheet HTML 20Page - Texas Instruments LM48312 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
LM48312
www.ti.com
SNAS494D – JANUARY 2010 – REVISED MAY 2013
REVISION HISTORY
Rev
Date
Description
1.0
01/20/10
Initial WEB released.
1.01
03/19/10
Text edits under the ENHANCED EMISSIONS section.
1.02
05/13/10
Edited Table 1.
1.03
07/25/12
Corrected the cover page (at WEB) (TI) from LM483127 to LM48312.
Changes from Revision C (May 2013) to Revision D
Page
•
Changed layout of National Data Sheet to TI format .......................................................................................................... 16
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LM48312



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com