Electronic Components Datasheet Search
  English  ▼

X  

LM48512TL/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM48512TL/NOPB
Description  Boomer Audio Power Amplifier Series PowerWise Boosted, Ultra Low-EMI, Mono, E2S Class D Audio Power Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM48512TL/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LM48512TL/NOPB Datasheet HTML 1Page - Texas Instruments LM48512TL/NOPB Datasheet HTML 2Page - Texas Instruments LM48512TL/NOPB Datasheet HTML 3Page - Texas Instruments LM48512TL/NOPB Datasheet HTML 4Page - Texas Instruments LM48512TL/NOPB Datasheet HTML 5Page - Texas Instruments LM48512TL/NOPB Datasheet HTML 6Page - Texas Instruments LM48512TL/NOPB Datasheet HTML 7Page - Texas Instruments LM48512TL/NOPB Datasheet HTML 8Page - Texas Instruments LM48512TL/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
LM48512
www.ti.com
SNAS497A – OCTOBER 2010 – REVISED APRIL 2012
Electrical Characteristics VDD = 3.6V, PVDD = 5.75V
(1) (2)
The following specifications apply for AV = 2V/V, L = 2.2μH, RL = 15μH + 8Ω + 15μH
(3), f = 1kHz, unless otherwise specified.
Limits apply for TA = 25°C.
LM48512
Units
Symbol
Parameter
Conditions
Typical
Limit
(Limits)
(4)
(5)
VOS
Differential Output Offset Voltage
VIN = 0, VDD = 2.3V to 5.5V
3
10
mV
VIN = 0, RL = ∞
IDD
Quiescent Power Supply Current
VDD = 3.6V
14.5
19
mA (max)
Boost Converter Only
8.5
mA
SDREG = VDD
PVOUT
Boost Converter Output Voltage
5.75
V
SDAMP = GND
ISD
Shutdown Current
SDAMP = SDREG = GND
0.04
1
μA (max)
VIH
Logic Input High Voltage
1.35
V (min)
VIL
Logic Input Low Voltage
0.35
V (max)
TWU
Wake Up Time
9
ms
fSW(AMP)
Class D Switching Frequency
320
kHz
GAIN = GND (<0.7V)
2
±5%
V/V (max)
AV
Gain
GAIN = float (0.7V–1.0V)
6
±5%
V/V (max)
GAIN = VDD (>1.0V)
10
±5%
V/V (max)
AV = 2V/V (6dB)
30
k
Ω
AV = 6V/V (15.5dB)
15
k
Ω
RIN
Input Resistance
AV = 10V/V (20dB)
10
8
k
Ω (min)
SDAMP = SDREG = GND
70
k
Ω
VCM
Input Common Mode
1.4
V
VIN
Differential AC Input
Device Enabled or Disabled
5.6
VP-P (max)
RL = 15μH+8Ω+15μH, THD+N =
10%
2.2
W
f = 1kHz, 22kHz BW
PO
Output Power
RL = 15μH+8Ω+15μH, THD+N = 1%
1.8
1.7
W (min)
f = 1kHz, 22kHz BW
RL = 15μH+4Ω+15μH, THD+N = 1%
2.7
W
f = 1kHz, 22kHz BW
RL = 15μH+8Ω+15μH, f = 1kHz
PO = 100mW
0.03
%
PO = 1W
0.03
%
THD+N
Total Harmonic Distortion + Noise
RL = 15μH+4Ω+15μH, f = 1kHz
PO = 1W
0.03
%
VRIPPLE = 200mVP-P Sine
Inputs AC GND, Input referred
90
dB
CIN = 100nF, fRIPPLE = 217Hz
PSRR
Power Supply Rejection Ratio
VRIPPLE = 200mVP-P Sine
Inputs AC GND, Input referred
85
dB
CIN = 100nF, fRIPPLE = 1kHz
(1)
“Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur, including inoperability and degradation of
device reliability and/or performance. Functional operation of the device and/or non-degradation at the Absolute Maximum Ratings or
other conditions beyond those indicated in the Recommended Operating Conditions is not implied. The Recommended Operating
Conditions indicate conditions at which the device is functional and the device should not be operated beyond such conditions. All
voltages are measured with respect to the ground pin, unless otherwise specified.
(2)
The Electrical Characteristics tables list guaranteed specifications under the listed Recommended Operating Conditions except as
otherwise modified or specified by the Electrical Characteristics Conditions and/or Notes. Typical specifications are estimations only and
are not guaranteed.
(3)
RL is a resistive load in series with two inductors to simulate an actual speaker load. For RL = 8Ω, the load is 15µH+8Ω+15µH. For RL =
4
Ω, the load is 15µH+4Ω+15µH.
(4)
Typical values represent most likely parametric norms at TA = +25°C, and at the Recommended Operation Conditions at the time of
product characterization and are not guaranteed.
(5)
Datasheet min/max specification limits are guaranteed by test or statistical analysis.
Copyright © 2010–2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM48512



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com