Electronic Components Datasheet Search
  English  ▼

X  

LM48512TL/NOPB Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM48512TL/NOPB
Description  Boomer Audio Power Amplifier Series PowerWise Boosted, Ultra Low-EMI, Mono, E2S Class D Audio Power Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM48512TL/NOPB Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM48512TL/NOPB Datasheet HTML 8Page - Texas Instruments LM48512TL/NOPB Datasheet HTML 9Page - Texas Instruments LM48512TL/NOPB Datasheet HTML 10Page - Texas Instruments LM48512TL/NOPB Datasheet HTML 11Page - Texas Instruments LM48512TL/NOPB Datasheet HTML 12Page - Texas Instruments LM48512TL/NOPB Datasheet HTML 13Page - Texas Instruments LM48512TL/NOPB Datasheet HTML 14Page - Texas Instruments LM48512TL/NOPB Datasheet HTML 15Page - Texas Instruments LM48512TL/NOPB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
1 dB
20 Ps
0.5 dB
1 dB
0.5 dB
Release
Vin decreases
Adjusting
Vin increases
Attack
VDD decreases
Attack
VDD decreases
Vin increases
800 ms
0
1
2
3
4
5
6
2.7
2.9
3.1
3.3
3.5
3.7
3.9
4.1
Supply Voltage (V)
RTRIP = 27.5 k:
64.9 k:
RTRIP =
20 k:
RTRIP =
LM48512
SNAS497A – OCTOBER 2010 – REVISED APRIL 2012
www.ti.com
Once VDD drops below the VDD(TRIP) voltage set by RTRIP, AGC operation begins. While AGC is in operation, VDD
sets the output swing as shown in Figure 4.
Figure 4. AGC Output Swing vs Supply Voltage Graph
If output swing of the amplifier exceeds the limit determined by VDD, gain of the amplifier will be adjusted
accordingly.
See Figure 5 for the following:
Attack: AGC attack occurs at increments of -1dB steps every 20
μs until the output is below the output swing
limit or when it reaches the maximum gain compression of -6dB.
Release: AGC releases at increments of 0.5dB steps per every 800ms if the output does not reach the output
swing limit.
Adjusting: While the part is in compression mode, the first attack following a release is at increments of 0.5dB
steps, this is also referred to as Adjusting.
Figure 5. AGC Operation
Automatic Level Control
The ALC circuitry is similar to AGC in that it also limits the output swing of the amplifier, but the difference is that
ALC is always activated once the RTRIP pin is connected to GND. The output limit swing of the amplifier will be
limited to 90% of PVOUT, with the same Attack, Release, and Adjusting characteristics as the AGC.
12
Submit Documentation Feedback
Copyright © 2010–2012, Texas Instruments Incorporated
Product Folder Links: LM48512



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com