Electronic Components Datasheet Search
  English  ▼

X  

LM48512TL/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM48512TL/NOPB
Description  Boomer Audio Power Amplifier Series PowerWise Boosted, Ultra Low-EMI, Mono, E2S Class D Audio Power Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM48512TL/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM48512TL/NOPB Datasheet HTML 1Page - Texas Instruments LM48512TL/NOPB Datasheet HTML 2Page - Texas Instruments LM48512TL/NOPB Datasheet HTML 3Page - Texas Instruments LM48512TL/NOPB Datasheet HTML 4Page - Texas Instruments LM48512TL/NOPB Datasheet HTML 5Page - Texas Instruments LM48512TL/NOPB Datasheet HTML 6Page - Texas Instruments LM48512TL/NOPB Datasheet HTML 7Page - Texas Instruments LM48512TL/NOPB Datasheet HTML 8Page - Texas Instruments LM48512TL/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LM48512
www.ti.com
SNAS497A – OCTOBER 2010 – REVISED APRIL 2012
LM48512 Boomer® Audio Power Amplifier Series PowerWise® Boosted, Ultra Low-EMI,
Mono, E2S Class D Audio Power Amplifier
Check for Samples: LM48512
1
FEATURES
•
"Click and Pop" suppression
2
•
E2S System Reduces EMI while Preserving
APPLICATIONS
Audio Quality and Efficiency
•
Mobile phones
•
Integrated Boost Converter
•
Smart phones
•
Supply Voltage Level Detection on Boost
Converter
•
PDAs
•
Low Power Shutdown Mode
DESCRIPTION
Part of National’s PowerWise family or products, the LM48512 delivers 1.8W into 8
Ω, while consuming 14.5mA
of quiescent current. The LM48512 also features National’s Enhanced Emissions Suppression (E2S) system, a
patented, ultra low EMI PWM architecture that significantly reduces RF emissions while preserving audio quality
and efficiency. LM48512 improves battery life, reduces external component count, board area consumption,
system cost, and simplifies design.
The LM48512 is designed to meet the demands of portable multimedia devices. The LM48512 features high
efficiency compared to other boosted amplifiers and low EMI Class D amplifiers. The LM48512 is capable of
driving an 8
Ω speaker to 5.5V levels (1.8W) from a 3.6V supply while operating at 82% efficiency. Flexible power
supply requirements allow operation from 2.3V to 5.5V. The E2S system features a patented edge rate control
(ERC) architecture that further reduces emissions by minimizing the high frequency component of the device
output, while maintaining high quality audio reproduction (THD+N = 0.03%) and high efficiency. A low power
shutdown mode reduces supply current consumption to 0.04
μA.
The LM48512 features a battery-saving automatic gain control (AGC). The AGC detects the battery voltage and
reduces the gain of the amplifier to limit the output as the battery voltage decreases.
Superior click and pop suppression eliminates audible transients on power-up/down and during shutdown.
Table 1. Key Specifications
VALUE
UNIT
■ Power Output at VDD = 3.6V
1.8
W (typ)
RL = 8Ω, THD+N ≤ 1%
■ Efficiency at 3.6V, 800mW into 8Ω
82% (typ)
■ Quiescent Power Supply Current
14.5mA
at 3.6V
■ Shutdown current
0.04
μA (typ)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010–2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM48512TL/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM48512TL/NOPB TI2-LM48512TL/NOPB Datasheet
749Kb / 23P
LM48512 Boomer® Audio Power Amplifier Series PowerWise® Boosted, Ultra Low-EMI, Mono, E2S Class D Audio Power Amplifier
REVISED APRIL 2012
LM48512TL/NOPB.A TI2-LM48512TL/NOPB.A Datasheet
749Kb / 23P
LM48512 Boomer® Audio Power Amplifier Series PowerWise® Boosted, Ultra Low-EMI, Mono, E2S Class D Audio Power Amplifier
REVISED APRIL 2012
LM48512TL/NOPB.B TI2-LM48512TL/NOPB.B Datasheet
749Kb / 23P
LM48512 Boomer® Audio Power Amplifier Series PowerWise® Boosted, Ultra Low-EMI, Mono, E2S Class D Audio Power Amplifier
REVISED APRIL 2012
More results

Similar Description - LM48512TL/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM48510_0710 NSC-LM48510_0710 Datasheet
403Kb / 20P
Boosted Class D Audio Power Amplifier
LM48310 NSC-LM48310 Datasheet
477Kb / 20P
Ultra-Low EMI, Filterless, 2.6W, Mono, Class D Audio Power Amplifier with E2S
LM48311 NSC-LM48311 Datasheet
485Kb / 16P
Ultra-Low EMI, Filterless, 2.6W, Mono, Class D Audio Power Amplifier with E2S
LM48312 NSC-LM48312 Datasheet
943Kb / 20P
2.6W, Ultra-Low EMI, Filterless, Mono Class D Audio Power Amplifier with E2S
logo
Eutech Microelectronics...
EUA2510A EUTECH-EUA2510A Datasheet
156Kb / 1P
Low EMI 2.7W Boosted Class-D Audio Power Amplifier
logo
Texas Instruments
LM48512 TI1-LM48512 Datasheet
688Kb / 17P
PowerWise짰 Boosted, Ultra Low-EMI, Mono, E2S Class D Audio Power Amplifier
LM48310SD TI-LM48310SD Datasheet
1,013Kb / 22P
LM48310 Ultra-Low EMI, Filterless, 2.6W, Mono, Class D Audio Power Amplifier with E2S
LM48310 TI1-LM48310_14 Datasheet
1Mb / 23P
Ultra-Low EMI, Filterless, 2.6W, Mono, Class D Audio Power Amplifier with E2S
LM48510 TI1-LM48510_14 Datasheet
1Mb / 30P
Boosted Class D Audio Power Amplifier
LM48312 TI-LM48312_15 Datasheet
1Mb / 22P
Boomer Audio Power Amplifier Series 2.6W, Ultra-Low EMI, Filterless, Mono Class D Audio Power Amplifier with E2S
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com