Electronic Components Datasheet Search
  English  ▼

X  

LM48512TL/NOPB Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM48512TL/NOPB
Description  Boomer Audio Power Amplifier Series PowerWise Boosted, Ultra Low-EMI, Mono, E2S Class D Audio Power Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM48512TL/NOPB Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM48512TL/NOPB Datasheet HTML 7Page - Texas Instruments LM48512TL/NOPB Datasheet HTML 8Page - Texas Instruments LM48512TL/NOPB Datasheet HTML 9Page - Texas Instruments LM48512TL/NOPB Datasheet HTML 10Page - Texas Instruments LM48512TL/NOPB Datasheet HTML 11Page - Texas Instruments LM48512TL/NOPB Datasheet HTML 12Page - Texas Instruments LM48512TL/NOPB Datasheet HTML 13Page - Texas Instruments LM48512TL/NOPB Datasheet HTML 14Page - Texas Instruments LM48512TL/NOPB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
LM48512
www.ti.com
SNAS497A – OCTOBER 2010 – REVISED APRIL 2012
BOOST INPUT CAPACITOR SELECTION
An input capacitor is required to serve as an energy reservoir for the current which must flow into the coil each
time the switch turns ON. The input capacitor will also help keep the noise low from the power supply. This
capacitor must have extremely low ESR, so ceramic capacitors are recommended. A nominal value of 10
μF is
recommended for this application.
MAXIMUM CURRENT
The boost converter of the LM48512 has two maximum current limits to prevent damage to the device and also
battery shutdown when the current gets too high. First is the control of the start-up current, where the boost
converter internally limits it to 600mA (ILIMIT(SU)). The second limit is on the inductor current, where it is typically
internally limited to 2.25A.
AUTOMATIC GAIN CONTROL AND AUTOMATIC LEVEL CONTROL
The LM48512 features either Automatic Gain Control (AGC) or Automatic Level Control (ALC) by configuring the
RTRIP pin B3. The settings are shown in Table 2.
Table 2. Automatic Gain/Level Control Table
RTRIP
Operation
VDD
Disable AGC and ALC
Resistor
AGC
GND
ALC
Automatic Gain Control Operation
The AGC circuitry is designed to limit the output swing to the load for speaker protection and to prolong battery
life. When RTRIP is connected to a resistor, AGC activates by detecting the VDD level in combination with the input
level. The user can set the VDD level (VDD(TRIP)) at which AGC trips by connecting different resistor values (RTRIP)
to ground, refer to Table 3.
Table 3. AGC Table
RTRIP (kΩ)
VDD(TRIP) (V)
20.0
3.7
24.8
3.6
27.5
3.55
30.3
3.5
36.3
3.4
42.8
3.3
49.7
3.2
57.1
3.1
64.9
3.0
73.2
2.9
82.0
2.8
Copyright © 2010–2012, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM48512



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com