Electronic Components Datasheet Search
  English  ▼

X  

LM48512TL/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM48512TL/NOPB
Description  Boomer Audio Power Amplifier Series PowerWise Boosted, Ultra Low-EMI, Mono, E2S Class D Audio Power Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM48512TL/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM48512TL/NOPB Datasheet HTML 6Page - Texas Instruments LM48512TL/NOPB Datasheet HTML 7Page - Texas Instruments LM48512TL/NOPB Datasheet HTML 8Page - Texas Instruments LM48512TL/NOPB Datasheet HTML 9Page - Texas Instruments LM48512TL/NOPB Datasheet HTML 10Page - Texas Instruments LM48512TL/NOPB Datasheet HTML 11Page - Texas Instruments LM48512TL/NOPB Datasheet HTML 12Page - Texas Instruments LM48512TL/NOPB Datasheet HTML 13Page - Texas Instruments LM48512TL/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
5
5.2
5.4
5.6
5.8
6
0
200
400
600
800
1000
LOAD CURRENT (mA)
5
5.2
5.4
5.6
5.8
6
0
200
400
600
800
1000
LOAD CURRENT (mA)
LM48512
SNAS497A – OCTOBER 2010 – REVISED APRIL 2012
www.ti.com
Boost Output Voltage
Boost Output Voltage
vs
vs
Load Current
Load Current
VDD = 3.6V
VDD = 5.0V
Application Information
GENERAL AMPLIFIER FUNCTION
The LM48512 mono Class D audio power amplifier features a filterless modulation scheme that reduces external
component count, conserving board space and reducing system cost. The outputs of the device transition from
VDD to GND with a 300kHz switching frequency. With no signal applied, the outputs (VOUTA and VOUTB) switch
with a 50% duty cycle, in phase, causing the two outputs to cancel. This cancellation results in no net voltage
across the speaker, thus there is no current to the load in the idle state.
With the input signal applied, the duty cycle (pulse width) of the LM48512 outputs changes. For increasing output
voltage, the duty cycle of VOUTA increases, while the duty cycle of VOUTB decreases. For decreasing output
voltages, the converse occurs. The difference between the two pulse widths yields the differential output voltage.
ENHANCED EMISSIONS SUPPRESSION SYSTEM (E2S)
The LM48512 features National’s patent-pending E2S system that reduces EMI, while maintaining high quality
audio reproduction and efficiency. The E2S system features advanced edge rate control (ERC), greatly reducing
the high frequency components of the output square waves by controlling the output rise and fall times, slowing
the transitions to reduce RF emissions, while maximizing THD+N and efficiency performance. The overall result
of the E2S system is a filterless Class D amplifier that passes FCC Class B radiated emissions standards with
20in of twisted pair cable, with excellent 0.03% THD+N and high 82% efficiency.
DIFFERENTIAL AMPLIFIER EXPLANATION
As logic supplies continue to shrink, system designers are increasingly turning to differential analog signal
handling to preserve signal to noise ratios with restricted supply level. The LM48512 features a fully differential
speaker amplifier. A differential amplifier amplifies the difference between the two input signals. Traditional audio
power amplifiers have typically offered only single-ended inputs resulting in a 6dB reduction of SNR relative to
differential inputs. The LM48512 also offers the possibility of DC input coupling which eliminates the input
coupling capacitors. A major benefit of the fully differential amplifier is the improved common mode rejection ratio
(CMRR) over single ended input amplifiers. The increased CMRR of the differential amplifier reduces sensitivity
to ground offset related noise injection, especially important in noisy systems.
When evaluating the LM48512, use BAL-GND inputs and provide clean grounding to ensure proper operation.
SYNCHRONOUS RECTIFIER
The LM48512 uses an internal synchronous series switch in place of an external Schottcky diode, which reduces
the number of external components required for its application. Efficiency is also increased since the power
dissipation of the switch is less than the power dissipation of a diode.
10
Submit Documentation Feedback
Copyright © 2010–2012, Texas Instruments Incorporated
Product Folder Links: LM48512



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com