Electronic Components Datasheet Search
  English  ▼

X  

ISL81387 Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL81387
Description  ±15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL81387 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL81387 Datasheet HTML 2Page - Intersil Corporation ISL81387 Datasheet HTML 3Page - Intersil Corporation ISL81387 Datasheet HTML 4Page - Intersil Corporation ISL81387 Datasheet HTML 5Page - Intersil Corporation ISL81387 Datasheet HTML 6Page - Intersil Corporation ISL81387 Datasheet HTML 7Page - Intersil Corporation ISL81387 Datasheet HTML 8Page - Intersil Corporation ISL81387 Datasheet HTML 9Page - Intersil Corporation ISL81387 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
ISL81387, ISL41387
6
FN6201.4
June 9, 2014
Submit Document Feedback
Typical Operating Circuit
RS-232 MODE WITHOUT LOOPBACK
RS-485 MODE WITHOUT LOOPBACK
RS-232 MODE WITH LOOPBACK
RS-485 MODE WITH LOOPBACK
18
VCC
Y
Z
DY
DZ
0.1µF
+
0.1µF
+
0.1µF
15
14
6
7
1
2
3
11
V+
V-
C1+
C1-
C2+
C2-
+
0.1µF
20
19
RA
A
4
5k
RB
B
516
5k
C1
C2
+ C3
C4
RXEN
12
GND
+5V
+
0.1µF
10
485/232
ON
813
VCC
VCC
DEN
9
VCC
NOTE: PINOUT FOR SOIC AND SSOP
17
R
R
D
D
18
VCC
Y
Z
DY
SLEW
0.1µF
+
0.1µF
+
0.1µF
15
14
6
7
1
2
3
11
V+
V-
C1+
C1-
C2+
C2-
+
0.1µF
20
19
RA
A
4
RB
B
5
16
C1
C2
+ C3
C4
RXEN
12
GND
+5V
+
0.1µF
10
485/232
ON
813
VCC
VCC
DEN
9
VCC
NOTE: PINOUT FOR SOIC AND SSOP
17
D
R
VCC
18
VCC
Y
Z
DY
DZ
0.1µF
+
0.1µF
+
0.1µF
15
14
6
7
1
2
3
11
V+
V-
C1+
C1-
C2+
C2-
+
0.1µF
20
19
RA
RB
16
C1
C2
+ C3
C4
RXEN
12
GND
+5V
+
0.1µF
10
485/232
ON
8
13
VCC
DEN
9
VCC
NOTE: PINOUT FOR SOIC AND SSOP
17
D
D
5k
5k
A1
4
B1
5
LB
Rx
R
R
18
VCC
Y
Z
DY
SLEW
0.1µF
+
0.1µF
+
0.1µF
15
14
6
7
1
2
3
11
V+
V-
C1+
C1-
C2+
C2-
+
0.1µF
20
19
RA
RB
16
C1
C2
+ C3
C4
RXEN
12
GND
+5V
+
0.1µF
10
485/232
ON
8
13
VCC
DEN
9
VCC
NOTE: PINOUT FOR SOIC AND SSOP
17
D
R
VCC
LB
Rx
A
4
B
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com