Electronic Components Datasheet Search
  English  ▼

X  

ISL81387 Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL81387
Description  ±15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL81387 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL81387 Datasheet HTML 3Page - Intersil Corporation ISL81387 Datasheet HTML 4Page - Intersil Corporation ISL81387 Datasheet HTML 5Page - Intersil Corporation ISL81387 Datasheet HTML 6Page - Intersil Corporation ISL81387 Datasheet HTML 7Page - Intersil Corporation ISL81387 Datasheet HTML 8Page - Intersil Corporation ISL81387 Datasheet HTML 9Page - Intersil Corporation ISL81387 Datasheet HTML 10Page - Intersil Corporation ISL81387 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
ISL81387, ISL41387
7
FN6201.4
June 9, 2014
Submit Document Feedback
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
VCC to Ground . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7V
VL (QFN Only). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to VCC + 0.5V
Input Voltages
All Except A, B . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to 7V
Input/Output Voltages
A, B (Any Mode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -25V to +25V
Y, Z (Any Mode, Note 7) . . . . . . . . . . . . . . . . . . . . . . . . . -12.5V to +12.5V
RA, RB (non-QFN Package) . . . . . . . . . . . . . . . . . . . -0.5V to (VCC + 0.5V)
RA, RB (QFN Package) . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to (VL + 0.5V)
Output Short Circuit Duration
Y, Z, RA, RB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Indefinite
ESD Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Specification Table
Thermal Resistance
JA (°C/W)
20 Ld SOIC Package (Note 9) . . . . . . . . . . . . . . . . . . . . .
65
20 Ld SSOP Package (Note 9) . . . . . . . . . . . . . . . . . . . .
60
40 Ld QFN Package (Note 8) . . . . . . . . . . . . . . . . . . . . .
32
Maximum Junction Temperature (Plastic Package) . . . . . . . . . . . +150°C
Maximum Storage Temperature Range . . . . . . . . . . . . . -65°C to +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see TB493
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
7. One output at a time, IOUT  100mA for  10 mins.
8.
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379.
9.
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
Electrical Specifications Test Conditions: VCC = 4.5V to 5.5V, C1 - C4 = 0.1µF, VL = VCC (for QFN only), Unless Otherwise Specified.
Typicals are at VCC = 5V, TA = +25°C (Note 10).
PARAMETER
SYMBOL
TEST CONDITIONS
TEMP
(°C)
MIN
(Note 17)TYP
MAX
(Note 17)UNITS
DC CHARACTERISTICS - RS-485 DRIVER (485/232 = VCC)
Driver Differential VOUT (no load)
VOD1
Full
-
-
VCC
V
Driver Differential VOUT (with load)
VOD2
R = 50
 (RS-422) ( Figure 1)
Full
2.5
3.1
-
V
R = 27
 (RS-485) (Figure 1)
Full
2.2
2.7
5
V
VOD3
RD = 60, R = 375, VCM = -7V to 12V (Figure 1)
Full
2
2.7
5
V
Change in Magnitude of Driver
Differential VOUT for
Complementary Output States
VOD
R = 27
 or 50 (Figure 1)
Full
-
0.01
0.2
V
Driver Common-Mode VOUT
VOC
R = 27
 or 50 (Figure 1) (Note 14)Full
-
-
3.1
V
Change in Magnitude of Driver
Common-Mode VOUT for
Complementary Output States
VOC
R = 27
 or 50 (Figure 1) (Note 14)
Full
-
0.01
0.2
V
Driver Short-Circuit Current,
VOUT = High or Low
IOS
-7V
 (VY or VZ)  12V (Note 12)
Full
35
-
250
mA
Driver Three-State Output Leakage
Current (Y, Z)
IOZ
Outputs Disabled,
VCC = 0V or 5.5V
VOUT = 12V
Full
-
-
150
µA
VOUT = -7V
Full
-150
-
-
µA
DC CHARACTERISTICS - RS-232 DRIVER (485/232 = 0V)
Driver
Output Voltage Swing
VO
All TOUTS Loaded with 3k to Ground
Full
±5.0
+6/-7
-
V
Driver
Output Short-Circuit Current
IOS
VOUT = 0V
Full
-60
25/-35
60
mA
DC CHARACTERISTICS - LOGIC PINS (i.e., DRIVER AND CONTROL INPUT PINS)
Input High Voltage
VIH1
VL = VCC if QFN
Full
2
1.6
-
V
VIH2
VL = 3.3V (QFN Only)
Full
2
1.2
-
V
VIH3
VL = 2.5V (QFN Only)
Full
1.5
1
-
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com