Electronic Components Datasheet Search
  English  ▼

X  

ISL81387 Datasheet(PDF) 16 Page - Intersil Corporation

Part # ISL81387
Description  ±15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL81387 Datasheet(HTML) 16 Page - Intersil Corporation

Back Button ISL81387 Datasheet HTML 12Page - Intersil Corporation ISL81387 Datasheet HTML 13Page - Intersil Corporation ISL81387 Datasheet HTML 14Page - Intersil Corporation ISL81387 Datasheet HTML 15Page - Intersil Corporation ISL81387 Datasheet HTML 16Page - Intersil Corporation ISL81387 Datasheet HTML 17Page - Intersil Corporation ISL81387 Datasheet HTML 18Page - Intersil Corporation ISL81387 Datasheet HTML 19Page - Intersil Corporation ISL81387 Datasheet HTML 20Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
ISL81387, ISL41387
16
FN6201.4
June 9, 2014
Submit Document Feedback
High ESD
All pins on the ISL81387, ISL41387 include ESD protection
structures rated at ±4kV (HBM), which is good enough to survive
ESD events commonly seen during manufacturing. But the bus
pins (Tx outputs and Rx inputs) are particularly vulnerable to ESD
events because they connect to an exposed port on the exterior
of the finished product. Simply touching the port pins, or
connecting a cable, can destroy an unprotected port. ISL81387,
ISL41387 bus pins are fitted with advanced structures that
deliver ESD protection in excess of ±15kV (HBM), without
interfering with any signal in the RS-485 or the RS-232 range.
This high level of protection may eliminate the need for board
level protection, or at the very least will increase the robustness
of any board level scheme.
Small Packages
Many competing dual protocol ICs are available only in
monstrously large 24 to 28 Ld SOIC packages. The ISL81387’s
20 Ld SSOP is more than 50% smaller than even a 24 Ld SOIC,
and the ISL41387’s tiny 6mmx6mm QFN is 80% smaller than a
28 Ld SOIC.
Flow-Through Pinouts
Even the ISL81387, ISL41387 pinouts are features, in that the
“flow-through” design simplifies board layout. Having the bus
pins all on one side of the package for easy routing to a cable
connector, and the Rx outputs and Tx inputs on the other side for
easy connection to a UART, avoids costly and problematic
crossovers. Figure 10 illustrates the flow-through nature of the
pinout..
Low Power Shutdown (SHDN) Mode
The ISL81387, ISL41387 enter the SHDN mode when ON = 0, and
the Tx and Rx are disabled (DEN = 0, RXEN = 0, and RXEN = 1), and
the already low supply current drops to as low as 5µA. SHDN
disables the Tx and Rx outputs, and disables the charge pumps if
the port is in RS-232 mode, so V+ collapses to VCC, and V- collapses
to GND.
All but 5µA of SHDN ICC current is due to control input (SPB,
SLEW) pull-up resistors (~20µA/resistor), so SHDN ICC varies
depending on the ISL81387, ISL41387 configuration. The
specification tables indicate the worst case values, but careful
selection of the configuration yields lower currents. For example,
in RS-232 mode the SPB pin isn’t used, so floating it or tying it
high minimizes SHDN ICC
On the ISL41387, the SHDN ICC increases as VL decreases. VL
powers each control pin input stage and sets its VOH at VL rather
than VCC. VCC powers the second stage, but the second stage
input isn’t driven to the rail, so some ICC current flows. See
Figure 20 for details.
When enabling from SHDN in RS-232 mode, allow at least 20µs for
the charge pumps to stabilize before transmitting data. If fast
enables are required, and ICC isn’t the greatest concern, disable the
drivers with the DEN pin to keep the charge pumps active. The
charge pumps aren’t used in RS-485 mode, so the transceiver is
ready to send or receive data in less than 1µs, which is much faster
than competing devices that require the charge pump for all modes
of operation.
Internal Loopback Mode
Setting ON = 0, DEN = 1, and RXEN = 1 or RXEN = 0 (QFN only),
places the port in the loopback mode, a mode that facilitates
implementing board level self test functions. In loopback,
internal switches disconnect the Rx inputs from the Rx outputs,
and feed back the Tx outputs to the appropriate Rx output. This
way the data driven at the Tx input appears at the corresponding
Rx output (refer to “Typical Operating Circuit” on page 6). The Tx
outputs remain connected to their terminals, so the external
loads are reflected in the loopback performance. This allows the
loopback function to potentially detect some common bus faults
such as one or both driver outputs shorted to GND, or outputs
shorted together.
Note that the loopback mode uses an additional set of receivers,
as shown in “Typical Operating Circuit” on page 6. These
loopback receivers are not standards compliant, so the loopback
mode can’t be used to implement a half-duplex RS-485
transceiver. See application note AN1378 for specific details on
implementing a three pin, half duplex dual protocol port.
UART
OR
ASIC
OR
µCONTROLLER
RA
DY
Y
Z
A
B
ISL81387
FIGURE 10. ILLUSTRATION OF FLOW-THROUGH PINOUT
D
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com