Electronic Components Datasheet Search
  English  ▼

X  

ISL81387 Datasheet(PDF) 25 Page - Intersil Corporation

Part # ISL81387
Description  ±15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL81387 Datasheet(HTML) 25 Page - Intersil Corporation

Back Button ISL81387 Datasheet HTML 19Page - Intersil Corporation ISL81387 Datasheet HTML 20Page - Intersil Corporation ISL81387 Datasheet HTML 21Page - Intersil Corporation ISL81387 Datasheet HTML 22Page - Intersil Corporation ISL81387 Datasheet HTML 23Page - Intersil Corporation ISL81387 Datasheet HTML 24Page - Intersil Corporation ISL81387 Datasheet HTML 25Page - Intersil Corporation ISL81387 Datasheet HTML 26Page - Intersil Corporation ISL81387 Datasheet HTML 27Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
ISL81387, ISL41387
25
FN6201.4
June 9, 2014
Submit Document Feedback
Package Outline Drawing
L40.6x6
40 LEAD QUAD FLAT NO-LEAD PLASTIC PACKAGE
Rev 3, 10/06
located within the zone indicated. The pin #1 identifier may be
Unless otherwise specified, tolerance : Decimal ± 0.05
Tiebar shown (if present) is a non-functional feature.
The configuration of the pin #1 identifier is optional, but must be
between 0.15mm and 0.30mm from the terminal tip.
Dimension b applies to the metallized terminal and is measured
Dimensions in (
) for Reference Only.
Dimensioning and tolerancing conform to AMSE Y14.5m-1994.
6.
either a mold or mark feature.
3.
5.
4.
2.
Dimensions are in millimeters.
1.
NOTES:
(4X)
0.15
INDEX AREA
PIN 1
A
6.00
B
31
36X 0.50
4.5
4X
40
PIN #1 INDEX AREA
BOTTOM VIEW
40X 0 . 4 ± 0 . 1
20
B
0.10
11
MA
C
4
21
4 . 10 ± 0 . 15
0 . 90 ± 0 . 1
C
SEATING PLANE
BASE PLANE
0.08
0.10
SEE DETAIL "X"
C
C
0 . 00 MIN.
DETAIL "X"
0 . 05 MAX.
0 . 2 REF
C
5
SIDE VIEW
1
10
30
TYPICAL RECOMMENDED LAND PATTERN
( 5 . 8 TYP )
(
4 . 10 )
( 36X 0 . 5 )
( 40X 0 . 23 )
( 40X 0 . 6 )
6
6
TOP VIEW
0 . 23 +0 . 07 / -0 . 05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com