Electronic Components Datasheet Search
  English  ▼

X  

ISL81387 Datasheet(PDF) 17 Page - Intersil Corporation

Part # ISL81387
Description  ±15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL81387 Datasheet(HTML) 17 Page - Intersil Corporation

Back Button ISL81387 Datasheet HTML 13Page - Intersil Corporation ISL81387 Datasheet HTML 14Page - Intersil Corporation ISL81387 Datasheet HTML 15Page - Intersil Corporation ISL81387 Datasheet HTML 16Page - Intersil Corporation ISL81387 Datasheet HTML 17Page - Intersil Corporation ISL81387 Datasheet HTML 18Page - Intersil Corporation ISL81387 Datasheet HTML 19Page - Intersil Corporation ISL81387 Datasheet HTML 20Page - Intersil Corporation ISL81387 Datasheet HTML 21Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
ISL81387, ISL41387
17
FN6201.4
June 9, 2014
Submit Document Feedback
ISL41387 (QFN Package) Special
Features
Logic Supply (VL Pin)
The ISL41387 (QFN) includes a VL pin that powers the logic
inputs (Tx inputs and control pins) and Rx outputs. These pins
interface with “logic” devices such as UARTs, ASICs, and
controllers, and today most of these devices use power supplies
significantly lower than 5V. Thus, a 5V output level from a 5V
powered dual protocol IC might seriously overdrive and damage
the logic device input. Similarly, the the logic device’s low VOH
might not exceed the VIH of a 5V powered dual protocol input.
Connecting the VL pin to the power supply of the logic device (as
shown in Figure 11) limits the ISL41387’s Rx output VOH to VL
(see Figure 14), and reduces the Tx and control input switching
points to values compatible with the logic device output levels.
Tailoring the logic pin input switching points and output levels to
the supply voltage of the UART, ASIC, or
controller eliminates
the need for a level shifter/translator between the two ICs.
VL can be anywhere from VCC down to 1.65V, but the input
switching points may not provide enough noise margin when
VL <1.8V. Table 5 indicates typical VIH and VIL values for various
VL values so the user can ascertain whether or not a particular VL
voltage meets his or her needs.
The VL supply current (IL) is typically less than 60µA, as shown in
Figures 19 and 20. All of the DC VL current is due to inputs with
internal pull-up resistors (SPB, SLEW, RXEN) being driven to the
low input state. The worst case IL current occurs when all three of
the inputs are low (see Figure 19), due to the IL through the
pull-up resistors. IIL through an input pull-up resistor is ~20µA, so
the IL in Figure 19 drops by about 40µA (at VL =5V) when the
SPB is high and 232 mode disables the SLEW pin pull-up (middle
vs top curve). When all three inputs are driven high, IL drops to
~10nA, so to minimize power dissipation drive these inputs high
when unneeded (e.g., SPB isn’t used in RS-232 mode, so drive it
high).
Active Low Rx Enable (RXEN)
In many RS-485 applications, especially half duplex
configurations, users like to accomplish “echo cancellation” by
disabling the corresponding receiver while its driver is
transmitting data. This function is available on the QFN package
via an active low RXEN pin. The active low function also simplifies
direction control, by allowing a single Tx/Rx direction control line.
If the active high RXEN were used, either two valuable I/O pins
would be used for direction control, or an external inverter is
required between DEN and RXEN. Figure 12 details the
advantage of using the RXEN pin. When using RXEN, ensure that
RXEN is tied to GND.
RS-485 Slew Rate Limited Data Rates
The ISL81387, ISL41387 FAST speed option (SLEW = High)
utilizes Tx output transitions optimized for a 20Mbps data rate.
These fast edges may increase EMI and reflection issues, even
though fast transitions aren’t required at the lower data rates
used by many applications. With the SLEW pin low, both product
types switch to a moderately slew rate limited output transition
targeted for 460kbps (MED) data rates. The ISL41387 (QFN
version) offers an additional, slew rate limited data rate that is
optimized for 115kbps (SLOW), and is selected when SLEW = 0
and SPB = 0 (see Table 3). The slew limited edges permit longer
unterminated networks, or longer stubs off terminated busses,
and help minimize EMI and reflections. Nevertheless, for the best
jitter performance when driving long cables, the faster speed
options may be preferable, even at lower data rates. The faster
output transitions deliver less variability (jitter) when loaded with
the large capacitance associated with long cables. Figures 42,
43, and 44 detail the jitter performance of the three speed
options while driving three different cable lengths. The figures
show that under all conditions the faster the edge rate, the better
FIGURE 11. USING VL PIN TO ADJUST LOGIC LEVELS
GND
RXD
TXD
VCC = +2V
UART/PROCESSOR
GND
RA
DY
VCC = +5V
ISL81387
VOH  2V
VOH = 5V
VIH  2V
ESD
DIODE
GND
RXD
TXD
VCC = +2V
UART/PROCESSOR
GND
RA
DY
VCC = +5V
ISL41387
VOH  2V
VOH = 2V
VIH = 0.9V
ESD
DIODE
VL
TABLE 5. VIH AND VIL vs VL FOR VCC = 5V
VL (V)
VIH (V)
VIL (V)
1.65V
0.79
0.50
1.8V
0.82
0.60
2.0V
0.87
0.69
2.5V
0.99
0.86
3.3V
1.19
1.05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com