Electronic Components Datasheet Search
  English  ▼

X  

24LC41 Datasheet(PDF) 3 Page - Microchip Technology

Part # 24LC41
Description  1K/4K 2.5V Dual Mode, Dual Port I 2 C Serial EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC41 Datasheet(HTML) 3 Page - Microchip Technology

  24LC41 Datasheet HTML 1Page - Microchip Technology 24LC41 Datasheet HTML 2Page - Microchip Technology 24LC41 Datasheet HTML 3Page - Microchip Technology 24LC41 Datasheet HTML 4Page - Microchip Technology 24LC41 Datasheet HTML 5Page - Microchip Technology 24LC41 Datasheet HTML 6Page - Microchip Technology 24LC41 Datasheet HTML 7Page - Microchip Technology 24LC41 Datasheet HTML 8Page - Microchip Technology 24LC41 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
© 1996 Microchip Technology Inc.
DS21140B-page 3
24LC41
TABLE 1-3:
AC CHARACTERISTICS (DDC MONITOR AND MICROCONTROLLER ACCESS
PORTS)
DDC Monitor Port (Bi-directional Mode) and Microcontroller Access Port
Parameter
Symbol
Standard Mode
Vcc = 4.5 - 5.5V
Fast Mode
Units
Remarks
Min
Max
Min
Max
Clock frequency (DSCL and
MSCL)
FCLK
—
100
—
400
kHz
Clock high time (DSCL and
MSCL)
THIGH
4000
—
600
—
ns
Clock low time (DSCL and
MSCL)
TLOW
4700
—
1300
—
ns
DSCL, DSDA, MSCL &
MSDA rise time
TR
—
1000
—
300
ns
(Note 1)
DSCL, DSDA, MSCL &
MSDA fall time
TF
—
300
—
300
ns
(Note 1)
START condition hold time
THD:STA
4000
—
600
—
ns
After this period the first
clock pulse is generated
START condition setup time TSU:STA
4700
—
600
—
ns
Only relevant for repeated
START condition
Data input hold time
THD:DAT
0
—
0
—
ns
(Note 2)
Data input setup time
TSU:DAT
250
—
100
—
ns
STOP condition setup time
TSU:STO
4000
—
600
—
ns
Output valid from clock
TAA
—
3500
—
900
ns
(Note 2)
Bus free time
TBUF
4700
—
1300
—
ns
Time the bus must be free
before a new transmission
can start
Output fall time from VIH
min to VIL max
TOF
—
250
20 + .1
CB
250
ns
(Note 1), CB
≤ 100 pF
Input filter spike suppres-
sion (DSCL, DSDA, MSCL
& MSDA pins)
TSP
—
50
—
50
ns
(Note 3)
Write cycle time
TWR
—
10
—
10
ms
Byte or Page mode
DDC Monitor Port Transmit-Only Mode Parameters
Output valid from VCLK/
DWP
TVAA
—
2000
—
1000
ns
VCLK/DWP high time
TVHIGH
4000
—
600
—
ns
VCLK/DWP low time
TVLOW
4700
—
1300
—
ns
Mode transition time
TVHZ
—
500
—
500
ns
Transmit-Only power up
time
TVPU
0—
0
—
ns
Endurance
—
10M
—
10M
—
cycles
25
°C, Vcc = 5.0V, Block
Mode (Note 4)
Note 1: Not 100% tested. CB = total capacitance of one bus line in pF.
2: As a transmitter, the device must provide an internal minimum delay time to bridge the undefined region
(minimum 300 ns) of the falling edge of DSCL or MSCL to avoid unintended generation of START or STOP
conditions.
3: The combined TSP and VHYS specifications are due to new Schmitt trigger inputs which provide improved
noise and spike suppression. This eliminates the need for a TI specification for standard operation.
4: This parameter is not tested but guaranteed by characterization. For endurance estimates in a specific
application, please consult the Total Endurance Model which can be obtained on our BBS or website.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com