Electronic Components Datasheet Search
  English  ▼

X  

24LC41 Datasheet(PDF) 2 Page - Microchip Technology

Part # 24LC41
Description  1K/4K 2.5V Dual Mode, Dual Port I 2 C Serial EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC41 Datasheet(HTML) 2 Page - Microchip Technology

  24LC41 Datasheet HTML 1Page - Microchip Technology 24LC41 Datasheet HTML 2Page - Microchip Technology 24LC41 Datasheet HTML 3Page - Microchip Technology 24LC41 Datasheet HTML 4Page - Microchip Technology 24LC41 Datasheet HTML 5Page - Microchip Technology 24LC41 Datasheet HTML 6Page - Microchip Technology 24LC41 Datasheet HTML 7Page - Microchip Technology 24LC41 Datasheet HTML 8Page - Microchip Technology 24LC41 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
24LC41
DS21140B-page 2
© 1996 Microchip Technology Inc.
1.0
ELECTRICAL CHARACTERISTICS
1.1
Maximum Ratings*
VCC...................................................................................7.0V
All inputs and outputs w.r.t. VSS ............... -0.6V to VCC +1.0V
Storage temperature ..................................... -65˚C to +150˚C
Ambient temp. with power applied ................ -65˚C to +125˚C
Soldering temperature of leads (10 seconds) ............. +300˚C
ESD protection on all pins
..................................................≥ 4 kV
*Notice: Stresses above those listed under “Maximum ratings”
may cause permanent damage to the device. This is a stress rat-
ing only and functional operation of the device at those or any
other conditions above those indicated in the operational listings
of this specification is not implied. Exposure to maximum rating
conditions for extended periods may affect device reliability.
TABLE 1-1:
PIN FUNCTION TABLE
Name
Function
DSCL
Serial Clock for DDC Bi-directional
Mode (DDC2)
DSDA
Serial Address and Data I/O
(DDC Bus)
VCLK/DWP
Serial Clock for DDC transmit-only
mode (DDC1)/Write Protect
MSCL
Serial clock for 4K-bit MCU port
MSDA
Serial Address and Data I/O for
4K-bit MCU port
MWP
Hardware write-protect for 4K-bit
MCU port
VSS
Ground
VCC
+2.5V to +5.5V power supply
TABLE 1-2:
DC CHARACTERISTICS
VCC = +2.5V to 5.5V
Commercial (C):
Tamb = 0˚C to +70˚C
Industrial (I):
Tamb = -40˚C to +85˚C
Parameter
Symbol
Min
Max
Units
Conditions
DSCL, DSDA, MSCL & MSDA pins:
High level input voltage
Low level input voltage
VIH
VIL
.7 VCC
.3 VCC
V
V
Input levels on VCLK/DWP pin:
High level input voltage
Low level input voltage
VIH
VIL
2.0
.8
.2 VCC
V
V
VCC
≥ 2.7V (Note)
VCC < 2.7V (Note)
Hysteresis of Schmitt trigger inputs
VHYS
.05 VCC
V
Note 1
Low level output voltage
VOL1
—.4
V
IOL = 3 mA, VCC = 2.5V (Note)
Low level output voltage
VOL2
—.6
V
IOL = 6 mA, VCC = 2.5V
Input leakage current
ILI
-10
10
µAVIN =.1V to VCC
Output leakage current
ILO
-10
10
µAVOUT =.1V to VCC
Pin capacitance (all inputs/outputs)
CIN, COUT
—10
pF
VCC = 5.0V (Note),
Tamb = 25
°C, FCLK = 1 MHz
Operating current
ICC Write
ICC Read
3
1
mA
mA
VCC = 5.5V, DSCL or MSCL = 400
kHz
Standby current
ICCS
60
200
µA
µA
VCC = 3.0V, DSDA or MSDA =
DSCL or MSCL = VCC
VCC = 5.5V, DSDA or MSDA =
DSCL or MSCL = VCC
Note:
This parameter is periodically sampled and not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com