Electronic Components Datasheet Search
  English  ▼

X  

24LC41 Datasheet(PDF) 8 Page - Microchip Technology

Part # 24LC41
Description  1K/4K 2.5V Dual Mode, Dual Port I 2 C Serial EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC41 Datasheet(HTML) 8 Page - Microchip Technology

Back Button 24LC41 Datasheet HTML 4Page - Microchip Technology 24LC41 Datasheet HTML 5Page - Microchip Technology 24LC41 Datasheet HTML 6Page - Microchip Technology 24LC41 Datasheet HTML 7Page - Microchip Technology 24LC41 Datasheet HTML 8Page - Microchip Technology 24LC41 Datasheet HTML 9Page - Microchip Technology 24LC41 Datasheet HTML 10Page - Microchip Technology 24LC41 Datasheet HTML 11Page - Microchip Technology 24LC41 Datasheet HTML 12Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
24LC41
DS21140B-page 8
© 1996 Microchip Technology Inc.
4.0
WRITE OPERATION
Write operations are identical for the DDC Monitor Port
(when in bi-directional Mode) and the Microcontroller
Access Port, with the exception of the VCLK/DWP and
MWP pins noted in the next sections. Data can be writ-
ten using either a byte write or page write command.
Write commands for the DDC Monitor Port and the
Microcontroller Access Port are completely indepen-
dent of one another.
4.1
Byte Write
Following the start signal from the master, the slave
address (4-bits), the chip select bits (3-bits) and the
R/W bit which is a logic low is placed onto the bus by
the master transmitter. This indicates to the addressed
slave receiver that a byte with a word address will follow
after it has generated an acknowledge bit during the
ninth clock cycle. Therefore, the next byte transmitted
by the master is the word address and will be written
into the address pointer of the port. After receiving
another acknowledge signal from the port, the master
device will transmit the data word to be written into the
addressed memory location. The port acknowledges
again and the master generates a stop condition. This
initiates the internal write cycle, and during this time,
the port will not generate acknowledge signals
(Figure 4-1).
For the DDC Monitor Port it is required that VCLK/DWP
be held at a logic high level in order to program the
device. This applies to byte write and page write opera-
tion. Note that VCLK/DWP can go low while the device
is in its self-timed program operation and not affect pro-
gramming.
For the Microcontroller Access Port, the MWP pin must
be held to VSS during the entire write operation.
4.2
Page Write
The write control byte, word address, and the first data
byte are transmitted to the port in the same way as in a
byte write. But, instead of generating a stop condition,
the master transmits up to eight data bytes to the DDC
Monitor Port or 16 bytes to the Microcontroller Access
Port, which are temporarily stored in the on-chip page
buffer and will be written into the memory after the mas-
ter has transmitted a stop condition. After the receipt of
each word, the three lower order address pointer bits
are internally incremented by one. The higher order 5-
bits of the word address remains constant. If the master
should transmit more than eight words to the DDC Mon-
itor Port or 16 words to the Microcontroller Access Port
prior to generating the stop condition, the address
counter will roll over and the previously received data
will be overwritten. As with the byte write operation,
once the stop condition is received an internal write
cycle will begin (Figure 4-2).
For the DDC Monitor Port, it is required thatVCLK/DWP
be held at a logic high level in order to program the
device. This applies to byte write and page write opera-
tion. Note that VCLK/DWP can go low while the device
is in its self-timed program operation and not affect pro-
gramming.
For the Microcontroller Access Port, the MWP pin must
be held to VSS during the entire write operation.
FIGURE 4-1:
BYTE WRITE
FIGURE 4-2:
PAGE WRITE
S
P
S
T
A
R
T
S
T
O
P
BUS ACTIVITY
MASTER
SDA or
BUS ACTIVITY
A
C
K
A
C
K
A
C
K
CONTROL
BYTE
WORD
ADDRESS
DATA
MSDA LINE
VCLK
S
P
BUS ACTIVITY
MASTER
SDA LINE
BUS ACTIVITY
S
T
A
R
T
CONTROL
BYTE
WORD
ADDRESS (n)
DATA n
DATA n + 15
S
T
O
P
A
C
K
A
C
K
A
C
K
A
C
K
A
C
K
DATA n + 1
VCLK/DWP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com