Electronic Components Datasheet Search
  English  ▼

X  

24LC41 Datasheet(PDF) 10 Page - Microchip Technology

Part # 24LC41
Description  1K/4K 2.5V Dual Mode, Dual Port I 2 C Serial EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC41 Datasheet(HTML) 10 Page - Microchip Technology

Back Button 24LC41 Datasheet HTML 4Page - Microchip Technology 24LC41 Datasheet HTML 5Page - Microchip Technology 24LC41 Datasheet HTML 6Page - Microchip Technology 24LC41 Datasheet HTML 7Page - Microchip Technology 24LC41 Datasheet HTML 8Page - Microchip Technology 24LC41 Datasheet HTML 9Page - Microchip Technology 24LC41 Datasheet HTML 10Page - Microchip Technology 24LC41 Datasheet HTML 11Page - Microchip Technology 24LC41 Datasheet HTML 12Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
24LC41
DS21140B-page 10
© 1996 Microchip Technology Inc.
7.3
Sequential Read
Sequential reads are initiated in the same way as a ran-
dom read except that after the port transmits the first
data byte, and the master issues an acknowledge as
opposed to a stop condition in a random read. This
directs the port to transmit the next sequentially
addressed 8-bit word (Figure 7-3).
To provide sequential reads, the port contains an inter-
nal address pointer, which is incremented by one at the
completion of each operation. This address pointer
allows the entire memory contents to be serially read
during one operation.
7.4
Noise Protection
Both the DDC Monitor Port and Microcontroller Access
Port employ a VCC threshold detector circuit which dis-
ables the internal erase/write logic, if the VCC is below
1.5 volts at nominal conditions.
The DSCL, MSCL, DSDA, and MSDA inputs have
Schmitt trigger and filter circuits which suppress noise
spikes to assure proper device operation even on a
noisy bus.
FIGURE 7-1:
CURRENT ADDRESS READ
FIGURE 7-2:
RANDOM READ
FIGURE 7-3:
SEQUENTIAL READ
SP
BUS ACTIVITY
MASTER
DSDA or
BUS ACTIVITY
S
T
A
R
T
CONTROL
BYTE
DATA n
A
C
K
N
O
A
C
K
S
T
O
P
MSDA LINE
S
P
S
BUS ACTIVITY
MASTER
MSDA LINE
BUS ACTIVITY
S
T
A
R
T
S
T
O
P
CONTROL
BYTE
WORD
ADDRESS (n)
DATA n
A
C
K
A
C
K
N
O
A
C
K
CONTROL
BYTE
A
C
K
S
T
A
R
T
P
DSDA or
BUS ACTIVITY
S
T
O
P
CONTROL
BYTE
DATA n
A
C
K
N
O
A
C
K
A
C
K
A
C
K
A
C
K
DATA n + 1
DATA n + 2
DATA n + X
BUS ACTIVITY
MASTER
MSDA LINE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com