Electronic Components Datasheet Search
  English  ▼

X  

BFP640 Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # BFP640
Description  Low Noise Silicon Germanium Bipolar RF Transistor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP640 Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button BFP640 Datasheet HTML 8Page - Infineon Technologies AG BFP640 Datasheet HTML 9Page - Infineon Technologies AG BFP640 Datasheet HTML 10Page - Infineon Technologies AG BFP640 Datasheet HTML 11Page - Infineon Technologies AG BFP640 Datasheet HTML 12Page - Infineon Technologies AG BFP640 Datasheet HTML 13Page - Infineon Technologies AG BFP640 Datasheet HTML 14Page - Infineon Technologies AG BFP640 Datasheet HTML 15Page - Infineon Technologies AG BFP640 Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
BFP640
Electrical Characteristics
Data Sheet
12
Revision 2.0, 2015-03-13
5.3
Frequency Dependent AC Characteristics
Measurement setup is a test fixture with Bias T´s in a 50 Ω system, TA =25°C
Figure 5-1 BFP640 Testing Circuit
IN
OUT
Bias -T
Bias-T
B
(Pin 1)
E
C
E
VC
Top View
VB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com