Electronic Components Datasheet Search
  English  ▼

X  

BFP640 Datasheet(PDF) 16 Page - Infineon Technologies AG

Part # BFP640
Description  Low Noise Silicon Germanium Bipolar RF Transistor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP640 Datasheet(HTML) 16 Page - Infineon Technologies AG

Back Button BFP640 Datasheet HTML 12Page - Infineon Technologies AG BFP640 Datasheet HTML 13Page - Infineon Technologies AG BFP640 Datasheet HTML 14Page - Infineon Technologies AG BFP640 Datasheet HTML 15Page - Infineon Technologies AG BFP640 Datasheet HTML 16Page - Infineon Technologies AG BFP640 Datasheet HTML 17Page - Infineon Technologies AG BFP640 Datasheet HTML 18Page - Infineon Technologies AG BFP640 Datasheet HTML 19Page - Infineon Technologies AG BFP640 Datasheet HTML 20Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
BFP640
Electrical Characteristics
Data Sheet
16
Revision 2.0, 2015-03-13
5.4
Characteristic DC Diagrams
Figure 5-2 Collector Current vs. Collector Emitter Voltage
I
C = f (VCE), IB = Parameter in µA
Figure 5-3 DC Current Gain
h
FE = f (IC), VCE =3V
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0
5
10
15
20
25
30
V
CE
[V]
20µA
40µA
60µA
80µA
100µA
120µA
140µA
160µA
10
0
10
1
10
2
10
2
10
3
I
c
[mA]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com