Electronic Components Datasheet Search
  English  ▼

X  

BFP640 Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # BFP640
Description  Low Noise Silicon Germanium Bipolar RF Transistor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP640 Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button BFP640 Datasheet HTML 9Page - Infineon Technologies AG BFP640 Datasheet HTML 10Page - Infineon Technologies AG BFP640 Datasheet HTML 11Page - Infineon Technologies AG BFP640 Datasheet HTML 12Page - Infineon Technologies AG BFP640 Datasheet HTML 13Page - Infineon Technologies AG BFP640 Datasheet HTML 14Page - Infineon Technologies AG BFP640 Datasheet HTML 15Page - Infineon Technologies AG BFP640 Datasheet HTML 16Page - Infineon Technologies AG BFP640 Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
BFP640
Electrical Characteristics
Data Sheet
13
Revision 2.0, 2015-03-13
Table 5-3
AC Characteristics,
V
CE =3V, f =0.45GHz
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Power Gain
Maximum power gain
Transducer gain
Gms
|S21|2
–
–
33
31.5
–
–
dB
IC =25mA
IC =25mA
Minimum Noise Figure
Minimum noise figure
Associated gain
NFmin
Gass
–
–
0.55
26
–
–
dB
IC =6 mA
IC =6 mA
Linearity
1 dB compression point at output
3rd order intercept point at output
OP1dB
OIP3
–
–
10.5
23.5
–
–
dBm
ZS = ZL =50 Ω
IC =25mA
IC =25mA
Table 5-4
AC Characteristics,
V
CE =3V, f =0.9 GHz
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Power Gain
Maximum power gain
Transducer gain
Gms
|S21|2
–
–
29
27.5
–
–
dB
IC =25mA
IC =25mA
Minimum Noise Figure
Minimum noise figure
Associated gain
NFmin
Gass
–
–
0.6
24
–
–
dB
IC =6 mA
IC =6 mA
Linearity
1 dB compression point at output
3rd order intercept point at output
OP1dB
OIP3
–
–
12
25.5
–
–
dBm
ZS = ZL =50 Ω
IC =25mA
IC =25mA
Table 5-5
AC Characteristics,
V
CE =3V, f =1.5 GHz
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Power Gain
Maximum power gain
Transducer gain
Gms
|S21|
2
–
–
25.5
23.5
–
–
dB
IC =25mA
IC =25mA
Minimum Noise Figure
Minimum noise figure
Associated gain
NFmin
Gass
–
–
0.6
21
–
–
dB
IC =6 mA
IC =6 mA
Linearity
1 dB compression point at output
3rd order intercept point at output
OP1dB
OIP3
–
–
11.5
25.5
–
–
dBm
ZS = ZL =50 Ω
IC =25mA
IC =25mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com