Electronic Components Datasheet Search
  English  ▼

X  

BFP640 Datasheet(PDF) 19 Page - Infineon Technologies AG

Part # BFP640
Description  Low Noise Silicon Germanium Bipolar RF Transistor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP640 Datasheet(HTML) 19 Page - Infineon Technologies AG

Back Button BFP640 Datasheet HTML 15Page - Infineon Technologies AG BFP640 Datasheet HTML 16Page - Infineon Technologies AG BFP640 Datasheet HTML 17Page - Infineon Technologies AG BFP640 Datasheet HTML 18Page - Infineon Technologies AG BFP640 Datasheet HTML 19Page - Infineon Technologies AG BFP640 Datasheet HTML 20Page - Infineon Technologies AG BFP640 Datasheet HTML 21Page - Infineon Technologies AG BFP640 Datasheet HTML 22Page - Infineon Technologies AG BFP640 Datasheet HTML 23Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
BFP640
Electrical Characteristics
Data Sheet
19
Revision 2.0, 2015-03-13
5.5
Characteristic AC Diagrams
Measurement setup is a test fixture with Bias T´s in a 50 Ω system, TA =25°C.
Figure 5-7 Transition Frequency
f
T = f (IC), f = 2 GHz, VCE = Parameter in V
Figure 5-8 3rd Order Intercept Point at output
OIP3 = f (I
C), ZS = ZL =50 Ω, Parameters: VCE in V, f in MHz
0
10
20
30
40
50
60
0
5
10
15
20
25
30
35
40
45
I
C
[mA]
4.00V
3.50V
3.00V
2.50V
2.00V
1.00V
0
5
10
15
20
25
30
35
40
0
5
10
15
20
25
30
I
C
[mA]
2V, 1500MHz
3V, 1500MHz
2V, 2400MHz
3V, 2400MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com