Electronic Components Datasheet Search
  English  ▼

X  

BFP760 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # BFP760
Description  Low Noise Silicon Germanium Bipolar RF Transistor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP760 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button BFP760 Datasheet HTML 3Page - Infineon Technologies AG BFP760 Datasheet HTML 4Page - Infineon Technologies AG BFP760 Datasheet HTML 5Page - Infineon Technologies AG BFP760 Datasheet HTML 6Page - Infineon Technologies AG BFP760 Datasheet HTML 7Page - Infineon Technologies AG BFP760 Datasheet HTML 8Page - Infineon Technologies AG BFP760 Datasheet HTML 9Page - Infineon Technologies AG BFP760 Datasheet HTML 10Page - Infineon Technologies AG BFP760 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
BFP760
Product Brief
Data Sheet
7
Revision 1.1, 2013-08-05
1
Product Brief
The BFP760 is a linear and very low noise wideband NPN bipolar RF transistor. The device is based on Infineon’s
reliable high volume silicon germanium carbon (SiGe:C) heterojunction bipolar technology. The collector design
supports voltages up to
V
CEO = 4.0 V and currents up to IC = 70 mA. With its high linearity at currents as low as 10
mA (see Fig. 5-8) the device supports energy efficient designs. The typical transition frequency is approximately
45 GHz, hence the device offers high power gain at frequencies up to 9 GHz in amplifier applications. The device
is housed in an easy to use plastic package with visible leads.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com