Electronic Components Datasheet Search
  English  ▼

X  

BFP760 Datasheet(PDF) 22 Page - Infineon Technologies AG

Part # BFP760
Description  Low Noise Silicon Germanium Bipolar RF Transistor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP760 Datasheet(HTML) 22 Page - Infineon Technologies AG

Back Button BFP760 Datasheet HTML 18Page - Infineon Technologies AG BFP760 Datasheet HTML 19Page - Infineon Technologies AG BFP760 Datasheet HTML 20Page - Infineon Technologies AG BFP760 Datasheet HTML 21Page - Infineon Technologies AG BFP760 Datasheet HTML 22Page - Infineon Technologies AG BFP760 Datasheet HTML 23Page - Infineon Technologies AG BFP760 Datasheet HTML 24Page - Infineon Technologies AG BFP760 Datasheet HTML 25Page - Infineon Technologies AG BFP760 Datasheet HTML 26Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
BFP760
Electrical Characteristics
Data Sheet
22
Revision 1.1, 2013-08-05
Figure 5-15 Input Reflection Coefficient
S
11 = f (f), VCE = 3 V, IC = 10 / 30 mA
Figure 5-16 Source Impedance for Minimum Noise Figure
Z
opt = f (f), VCE = 3 V, IC = 10 / 30 mA
1
0.1
0.2
0.3 0.4 0.5
2
1.5
3
4 5
0
1
−1
1.5
−1.5
2
−2
3
−3
4
−4
5
−5
10
−10
0.5
−0.5
0.1
−0.1
0.2
−0.2
0.3
−0.3
0.4
−0.4
0.03
0.03 to 10 GHz
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
0.03
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
30mA
10mA
1
0.1
0.2
0.3 0.4 0.5
2
1.5
3
4 5
0
1
−1
1.5
−1.5
2
−2
3
−3
4
−4
5
−5
10
−10
0.5
−0.5
0.1
−0.1
0.2
−0.2
0.3
−0.3
0.4
−0.4
0.9
1.8
2.4
3.5
5.5
8.0
0.9
1.8
2.4
3.5
5.5
8.0
30mA
10mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com