Electronic Components Datasheet Search
  English  ▼

X  

BFP760 Datasheet(PDF) 19 Page - Infineon Technologies AG

Part # BFP760
Description  Low Noise Silicon Germanium Bipolar RF Transistor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP760 Datasheet(HTML) 19 Page - Infineon Technologies AG

Back Button BFP760 Datasheet HTML 15Page - Infineon Technologies AG BFP760 Datasheet HTML 16Page - Infineon Technologies AG BFP760 Datasheet HTML 17Page - Infineon Technologies AG BFP760 Datasheet HTML 18Page - Infineon Technologies AG BFP760 Datasheet HTML 19Page - Infineon Technologies AG BFP760 Datasheet HTML 20Page - Infineon Technologies AG BFP760 Datasheet HTML 21Page - Infineon Technologies AG BFP760 Datasheet HTML 22Page - Infineon Technologies AG BFP760 Datasheet HTML 23Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
BFP760
Electrical Characteristics
Data Sheet
19
Revision 1.1, 2013-08-05
Figure 5-9 3rd Order Intercept Point at output
OIP
3 [dBm] = f (IC, VCE), ZS = ZL = 50 Ω, f = 5.5 GHz
Figure 5-10 Compression Point at output
OP
1dB [dBm] = f (IC, VCE), ZS = ZL = 50 Ω, f = 5.5 GHz
1819
22 23
26
26
27
28
28
V
CE
[V]
1
1.5
2
2.5
3
3.5
4
10
15
20
25
30
35
40
45
50
−4
−3
−3
−3
−2
−2
−2
−1
−1
−1
0
0
0
1
1
1
2
2
2
3
3
3
4
4
4
5
5
5
6
6
6
7
7
7
8
8
8
9
9
9
10
10
10
11
11
12
12
13
13
14
V
CE
[V]
1
1.5
2
2.5
3
3.5
4
5
10
15
20
25
30
35
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com