Electronic Components Datasheet Search
  English  ▼

X  

ISL84582 Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL84582
Description  Low-Voltage, Single and Dual Supply, Differential 4-to-1 Multiplexer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL84582 Datasheet(HTML) 3 Page - Intersil Corporation

  ISL84582 Datasheet HTML 1Page - Intersil Corporation ISL84582 Datasheet HTML 2Page - Intersil Corporation ISL84582 Datasheet HTML 3Page - Intersil Corporation ISL84582 Datasheet HTML 4Page - Intersil Corporation ISL84582 Datasheet HTML 5Page - Intersil Corporation ISL84582 Datasheet HTML 6Page - Intersil Corporation ISL84582 Datasheet HTML 7Page - Intersil Corporation ISL84582 Datasheet HTML 8Page - Intersil Corporation ISL84582 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
FN6213.3
May 6, 2009
Absolute Maximum Ratings
Thermal Information
V+ to V- . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to 15V
V+ to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to 15V
V- to GND. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -15 to 0.3V
Input Voltages
INH, NO, NC, ADD (Note 1) . . . . . . . . . . . . . -0.3 to ((V+) + 0.3V)
Output Voltages
COM (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to ((V+) + 0.3V)
Continuous Current (Any Terminal) . . . . . . . . . . . . . . . . . . . . ±
30mA
Peak Current NO, NC, or COM
(Pulsed 1ms, 10% Duty Cycle, Max) . . . . . . . . . . . . . . . . ±
100mA
ESD Rating
Human Body Model (Per Mil-STD-883, Method 3015.7) . . .
>2kV
Thermal Resistance (Typical, Note 2)
θJA (°C/W)
16 Ld TSSOP Package . . . . . . . . . . . . . . . . . . . . . .
150
Maximum Junction Temperature (Plastic Package). . . . . . . . +150°C
Maximum Storage Temperature Range . . . . . . . . . . . -65°C to +150°C
Pb-Free Reflow Profile. . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTES:
1. Signals on NC, NO, COM, ADD, INH exceeding V+ or V- are clamped by internal diodes. Limit forward diode current to maximum current ratings.
2.
θJA is measured with the component mounted on a low effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
Electrical Specifications: ±5V Supply Test Conditions: VSUPPLY = ±4.5V to ±5.5V, GND = 0V, VINH = 2.4V, VINL = 0.8V (Note 3),
Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Notes 4, 10)
TYP
MAX
(Notes 4, 10) UNITS
ANALOG SWITCH CHARACTERISTICS
Analog Signal Range, VANALOG
(Note 9)
Full
V-
-
V+
V
ON-resistance, rON
VS = ±4.5V, ICOM = 2mA, VNO or VNC = 3V,
(See Figure 5)
25
-
44
60
Ω
Full
-
-
80
Ω
rON Matching Between Channels,
Δr
ON
VS = ±4.5V, ICOM = 2mA, VNO or VNC = 3V, (Note 5)
25
-
1.3
4
Ω
Full
-
-
6
Ω
rON Flatness, RFLAT(ON)
VS = ±4.5V, ICOM = 2mA, VNO or VNC = ±3V, 0.1V,
(Note 6)
25
-
7.5
9
Ω
Full
-
-
12
Ω
NO or NC OFF Leakage Current,
INO(OFF) or INC(OFF)
VS = ±5.5V, VCOM = ±4.5V, VNO or VNC = +4.5V,
(Note 7)
25
-
0.02
-
nA
Full
-
0.2
-
nA
COM OFF Leakage Current,
ICOM(OFF)
VS = ±5.5V, VCOM = ±4.5V, VNO or VNC = +4.5V,
(Note 7)
25
-
0.02
-
nA
Full
-
0.2
-
nA
COM ON Leakage Current,
ICOM(ON)
VS = ±5.5V, VCOM = VNO or VNC = ±4.5V, (Note 7)
25
-
0.02
-
nA
Full
-
0.2
-
nA
DIGITAL INPUT CHARACTERISTICS
Input Voltage High, VINHH,
VADDH
Full
2.4
-
-
V
Input Voltage Low, VINHL, VADDL
Full
-
-
0.8
V
Input Current, IADDH, IADDL,
IINHH, IINHL
VS = ±5.5V, VINH, VADD = 0V or V+, (Note 9)
Full
-0.5
0.03
0.5
µA
DYNAMIC CHARACTERISTICS
Inhibit Turn-ON Time, tON
VS = ±4.5V, VNO or VNC = ±3V, RL = 300Ω, CL = 35pF,
VIN = 0 to 3 (see Figure 1, Note 9)
25
-
35
50
ns
Full
-
-
60
ns
Inhibit Turn-OFF Time, tOFF
VS = ±4.5V, VNO or VNC = ±3V, RL = 300Ω, CL = 35pF,
VIN = 0 to 3 (see Figure 1, Note 9)
25
-
22
35
ns
Full
-
-
40
ns
Address Transition Time, tTRANS VS = ±4.5V, VNO or VNC = ±3V, RL = 300Ω, CL = 35pF,
VIN = 0 to 3 (see Figure 1, Note 9)
25
-
43
60
ns
Full
-
-
70
ns
ISL84582



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com