Electronic Components Datasheet Search
  English  ▼

X  

ISL84582 Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL84582
Description  Low-Voltage, Single and Dual Supply, Differential 4-to-1 Multiplexer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL84582 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL84582 Datasheet HTML 2Page - Intersil Corporation ISL84582 Datasheet HTML 3Page - Intersil Corporation ISL84582 Datasheet HTML 4Page - Intersil Corporation ISL84582 Datasheet HTML 5Page - Intersil Corporation ISL84582 Datasheet HTML 6Page - Intersil Corporation ISL84582 Datasheet HTML 7Page - Intersil Corporation ISL84582 Datasheet HTML 8Page - Intersil Corporation ISL84582 Datasheet HTML 9Page - Intersil Corporation ISL84582 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
FN6213.3
May 6, 2009
DYNAMIC CHARACTERISTICS
Inhibit Turn-ON Time, tON
V+ = 4.5V, VNO or VNC = 3V, RL = 300Ω, CL = 35pF,
VIN = 0 to 3V (see Figure 1, Note 9)
25
-
43
60
ns
Full
-
-
70
ns
Inhibit Turn-OFF Time, tOFF
V+ = 4.5V, VNO or VNC = 3V, RL = 300Ω, CL = 35pF,
VIN = 0 to 3V (see Figure 1, Note 9)
25
-
20
35
ns
Full
-
-
40
ns
Address Transition Time, tTRANS
V+ = 4.5V, VNO or VNC = 3V, RL = 300Ω, CL = 35pF,
VIN = 0 to 3V (see Figure 1, Note 9)
25
-
51
70
ns
Full
-
-
85
ns
Break-Before-Make Time, tBBM
V+ = 5.5V, VNO or VNC = 3V, RL = 300Ω, CL = 35pF,
VIN = 0 to 3V, (See Figure 3, Note 9)
Full
2
9
-
ns
Charge Injection, Q
CL = 1.0nF, VG = 0V, RG = 0Ω, (See Figure 2, Note 9)
25
-
0.6
1.5
pC
OFF-Isolation
RL = 50Ω, CL = 15pF, f = 100kHz,
VNOx = 1VRMS (see Figures 4, 6 and 19)
25
-
92
-
dB
Crosstalk, (Note 8)
25
-
≤110
-
dB
All Hostile Crosstalk, (Note 8)
25
-
-105
-
dB
POWER SUPPLY CHARACTERISTICS
Power Supply Range
Full
4.5
-
5.5
V
Positive Supply Current, I+
V+ = 5.5V, V- = 0V, VINH, VADD = 0V or V+,
Switch On or Off, (Note 9)
Full
-1
-
1
µA
Electrical Specifications: 3.3V Supply Test Conditions: V+ = +3V to +3.6V, V- = GND = 0V, VINH = 2.4V, VINL = 0.8V (Note 3) Unless
Otherwise Specified.
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Notes 4, 10)
TYP
MAX
(Notes 4, 10) UNITS
ANALOG SWITCH CHARACTERISTICS
Analog Signal Range, VANALOG
(Note 9)
Full
0
-
V+
V
ON-Resistance, rON
V+ = 3.0V, ICOM = 1.0mA, VNO or VNC = 1.5V
(See Figure 5)
25
-
175
180
Ω
Full
-
-
200
Ω
rON Matching Between Channels,
ΔrON
V+ = 3.0V, ICOM = 1.0mA, VNO or VNC = 1.5V, (Note 5)
25
-
3.4
8
Ω
Full
-
-
10
Ω
rON Flatness, RFLAT(ON)
V+ = 3.0V, ICOM = 1.0mA, VNO or VNC = 0.5V, 1V, 2V,
(Note 6)
Full
-
55
-
Ω
DIGITAL INPUT CHARACTERISTICS
Input Voltage High, VINHH, VADDH
Full
2.4
-
-
V
Input Voltage Low, VINHL, VADDL
Full
-
-
0.8
V
Input Current, IADDH, IADDL,
IINHH, IINHL
V+ = 3.6V, VINH, VADD = 0V or V+, (Note 9)
Full
-0.5
-
0.5
µA
DYNAMIC CHARACTERISTICS
Inhibit Turn-ON Time, tON
V+ = 3.0V, VNO or VNC = 1.5V, RL = 300Ω, CL = 35pF,
VIN = 0 to 3V (see Figure 1, Note 9)
25
-
82
100
ns
Full
-
-
120
ns
Inhibit Turn-OFF Time, tOFF
V+ = 3.0V, VNO or VNC = 1.5V, RL = 300Ω, CL = 35pF,
VIN = 0 to 3V (see Figure 1, Note 9)
25
-
37
50
ns
Full
-
-
60
ns
Address Transition Time, tTRANS
V+ = 3.0V, VNO or VNC = 1.5V, RL = 300Ω, CL = 35pF,
VIN = 0 to 3V (see Figure 1, Note 9)
25
-
96
120
ns
Full
-
-
145
ns
Electrical Specifications: 5V Supply Test Conditions: V+ = +4.5V to +5.5V, V- = GND = 0V, VINH = 2.4V, VINL = 0.8V (Note 3),
Unless Otherwise Specified. (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Notes 4, 10) TYP
MAX
(Notes 4, 10) UNITS
ISL84582



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com