Electronic Components Datasheet Search
  English  ▼

X  

ISL84582 Datasheet(PDF) 12 Page - Intersil Corporation

Part # ISL84582
Description  Low-Voltage, Single and Dual Supply, Differential 4-to-1 Multiplexer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL84582 Datasheet(HTML) 12 Page - Intersil Corporation

Back Button ISL84582 Datasheet HTML 6Page - Intersil Corporation ISL84582 Datasheet HTML 7Page - Intersil Corporation ISL84582 Datasheet HTML 8Page - Intersil Corporation ISL84582 Datasheet HTML 9Page - Intersil Corporation ISL84582 Datasheet HTML 10Page - Intersil Corporation ISL84582 Datasheet HTML 11Page - Intersil Corporation ISL84582 Datasheet HTML 12Page - Intersil Corporation ISL84582 Datasheet HTML 13Page - Intersil Corporation ISL84582 Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
12
FN6213.3
May 6, 2009
FIGURE 13. INHIBIT TURN-ON TIME vs SUPPLY VOLTAGE
FIGURE 14. INHIBIT TURN-OFF TIME vs SUPPLY VOLTAGE
FIGURE 15. ADDRESS TRANS TIME vs SINGLE SUPPLY
VOLTAGE
FIGURE 16. ADDRESS TRANS TIME vs DUAL SUPPLY
VOLTAGE
FIGURE 17. FREQUENCY RESPONSE
FIGURE 18. FREQUENCY RESPONSE
Typical Performance Curves
TA = +25°C, Unless Otherwise Specified. (Continued)
0
100
200
300
400
500
0
50
100
150
200
250
V+ (V)
2468
10
12
3
579
11
-40°C
+85°C
V- = 0V
V- = -5V
VCOM = (V+) - 1V
-40°C
+85°C
-40°C
+25°C
+25°C
+25°C
0
50
100
150
200
0
20
40
60
80
100
V+ (V)
2
4
6
8
10
12
357
9
11
-40°C
+85°C
VCOM = (V+) - 1V
V- = 0V
V- = -5V
-40°C
+85°C
-40°C
+25°C
+25°C
+25°C
2
468
10
12
357
9
11
13
V+ (V)
+85°C
V- = 0V
VCOM = (V+) - 1V
-40°C
0
50
100
150
200
250
300
+25°C
V± (V)
23
4
5
6
VCOM = (V+) - 1V
50
100
150
200
250
+85°C
-40°C
+25°C
0
FREQUENCY (Hz)
3
0
-3
0
45
90
135
180
1M
10M
100M
600M
VIN = 0.2VP-P to 5VP-P
GAIN
PHASE
VS = ±5V
RL = 50Ω
FREQUENCY (Hz)
3
0
-3
0
45
90
135
180
1M
10M
100M
600M
VIN = 0.2VP-P to 4VP-P
GAIN
PHASE
VS = ±3V
RL = 50Ω
ISL84582



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com