Electronic Components Datasheet Search
  English  ▼

X  

ISL84582 Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL84582
Description  Low-Voltage, Single and Dual Supply, Differential 4-to-1 Multiplexer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL84582 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL84582 Datasheet HTML 4Page - Intersil Corporation ISL84582 Datasheet HTML 5Page - Intersil Corporation ISL84582 Datasheet HTML 6Page - Intersil Corporation ISL84582 Datasheet HTML 7Page - Intersil Corporation ISL84582 Datasheet HTML 8Page - Intersil Corporation ISL84582 Datasheet HTML 9Page - Intersil Corporation ISL84582 Datasheet HTML 10Page - Intersil Corporation ISL84582 Datasheet HTML 11Page - Intersil Corporation ISL84582 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
FN6213.3
May 6, 2009
Logic input waveform is inverted for switches that have the opposite
logic sense.
FIGURE 1C. ADDRESS tTRANS MEASUREMENT POINTS
Repeat test for other switches. CL includes fixture and stray
capacitance.
FIGURE 1D. ADDRESS tTRANS TEST CIRCUIT
FIGURE 1. SWITCHING TIMES
FIGURE 2A. Q MEASUREMENT POINTS
FIGURE 2B. Q TEST CIRCUIT
FIGURE 2. CHARGE INJECTION
FIGURE 3A. tBBM MEASUREMENT POINTS
Repeat test for other switches. CL includes fixture and stray
capacitance.
FIGURE 3B. tBBM TEST CIRCUIT
FIGURE 3. BREAK-BEFORE-MAKE TIME
Test Circuits and Waveforms (Continued)
50%
tr < 20ns
tf < 20ns
tTRANS
90%
3V
VNOX
0V
tTRANS
LOGIC
INPUT
SWITCH
OUTPUT
10%
VOUT
0V
VNO0
V
OUT
V
(NO or NC)
R
L
R
L
r
ON
+
------------------------
=
LOGIC
INPUT
VOUT
RL
COMx
NO0x
ADDA-B
300
Ω
35pF
GND
NO1x-NO2x
CL
V+
EN
C
V-
C
V+
C
NO3x
V-
C
ISL84582
VOUT
ΔVOUT
OFF
ON
OFF
Q =
ΔVOUT x CL
SWITCH
OUTPUT
LOGIC
INPUT
3V
0V
CL
VOUT
RG
VG
GND
COM
NO OR NC
LOGIC
INPUT
INH
ADDX
V-
C
V+
C
Repeat test for other switches.
1nF
0
Ω
80%
3V
0V
tBBM
LOGIC
INPUT
SWITCH
OUTPUT
0V
VOUT
tr < 20ns
tf < 20ns
LOGIC
INPUT
ADDA-B
COMx
RL
CL
VOUT
35pF
300
Ω
NO0x-NO3x
GND
V+
C
V-
C
V+
C
INH
ISL84582
ISL84582



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com