Electronic Components Datasheet Search
  English  ▼

X  

ISL84582 Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL84582
Description  Low-Voltage, Single and Dual Supply, Differential 4-to-1 Multiplexer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL84582 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL84582 Datasheet HTML 6Page - Intersil Corporation ISL84582 Datasheet HTML 7Page - Intersil Corporation ISL84582 Datasheet HTML 8Page - Intersil Corporation ISL84582 Datasheet HTML 9Page - Intersil Corporation ISL84582 Datasheet HTML 10Page - Intersil Corporation ISL84582 Datasheet HTML 11Page - Intersil Corporation ISL84582 Datasheet HTML 12Page - Intersil Corporation ISL84582 Datasheet HTML 13Page - Intersil Corporation ISL84582 Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
FN6213.3
May 6, 2009
Leakage Considerations
Reverse ESD protection diodes are internally connected
between each analog-signal pin and both V+ and V-. One
of these diodes conducts if any analog signal exceeds V+
or V-.
Virtually all the analog leakage current comes from the ESD
diodes to V+ or V-. Although the ESD diodes on a given
signal pin are identical and therefore fairly well balanced,
they are reverse biased differently. Each is biased by either
V+ or V- and the analog signal. This means their leakages
will vary as the signal varies. The difference in the two diode
leakages to the V+ and V- pins constitutes the
analog-signal-path leakage current. All analog leakage
current flows between each pin and one of the supply
terminals, not to the other switch terminal. This is why both
sides of a given switch can show leakage currents of the
same or opposite polarity. There is no connection between
the analog signal paths and GND.
Typical Performance Curves
TA = +25°C, Unless Otherwise Specified.
FIGURE 9. ON-RESISTANCE vs SUPPLY VOLTAGE
FIGURE 10. ON-RESISTANCE vs SWITCH VOLTAGE
FIGURE 11. ON-RESISTANCE vs SWITCH VOLTAGE
FIGURE 12. ON-RESISTANCE vs SWITCH VOLTAGE
30
40
50
60
70
100
200
300
400
-40°C
+85°C
V- = 0V
V+ (V)
4
6
8
10
12
357
9
11
2
0
20
VCOM = (V+) - 1V
ICOM = 1mA
V- = -5V
+25°C
-40°C
+85°C
+25°C
20
30
40
50
60
30
40
50
60
70
80
90
50
60
70
80
90
100
110
120
VCOM (V)
-4
-2
0
2
4
-5
-3
-1
1
3
5
VS = ±5V
ICOM = 1mA
VS = ±2V
+25°C
+85°C
+25°C
-40°C
+85°C
-40°C
+25°C
-40°C
+85°C
VS = ±3V
75
100
150
200
225
60
80
100
120
140
160
40
50
60
70
80
90
100
VCOM (V)
024
13
5
V+ = 2.7V
V+ = 5V
+25°C
-40°C
+85°C
ICOM = 1mA
V- = 0V
+25°C
-40°C
+85°C
V- = 0V
+25°C
+85°C
-40°C
V- = 0V
V+ = 3.3V
175
125
VCOM (V)
02
46
8
10
12
20
25
30
35
40
45
50
55
60
ICOM = 1mA
-40°C
+85°C
+25°C
V+ = 12V
V- = 0V
ISL84582



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com