Electronic Components Datasheet Search
  English  ▼

X  

PIC18F010 Datasheet(PDF) 149 Page - Microchip Technology

Part # PIC18F010
Description  High Performance Microcontrollers
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F010 Datasheet(HTML) 149 Page - Microchip Technology

Back Button PIC18F010 Datasheet HTML 145Page - Microchip Technology PIC18F010 Datasheet HTML 146Page - Microchip Technology PIC18F010 Datasheet HTML 147Page - Microchip Technology PIC18F010 Datasheet HTML 148Page - Microchip Technology PIC18F010 Datasheet HTML 149Page - Microchip Technology PIC18F010 Datasheet HTML 150Page - Microchip Technology PIC18F010 Datasheet HTML 151Page - Microchip Technology PIC18F010 Datasheet HTML 152Page - Microchip Technology PIC18F010 Datasheet HTML 153Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 176 page
background image
 2001 Microchip Technology Inc.
Preliminary
DS41142A-page 147
PIC18F010/020
15.1
DC Characteristics
PIC18F010/020
(Industrial unless otherwise stated)
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for industrial
Param
No.
Symbol
Characteristic
Min
Typ† Max Units
Conditions
D001
D001A
VDD
Supply Voltage
2.0
4.5
—
—
5.5
5.5
V
V
XT, LP, RC, EC and Internal osc mode
HS osc mode
D002*
VDR
RAM Data Retention
Voltage(1)
1.5
——
V
D003
VPOR
VDD Start Voltage to
ensure internal
Power-on Reset signal
—
VSS
—
V
D004*
SVDD
VDD Rise Rate to
ensure internal
Power-on Reset signal
0.05
——
V/ms
D010
IDD
Supply Current(2)
—
—
—
—
TBD
TBD
TBD
TBD
4
50
45
48
mA
mA
mA
µA
XT, RC, Internal osc modes
FOSC = 4 MHz, VDD = 3.0V
HS osc mode
FOSC = 25 MHz, VDD = 5.5V
EC osc mode
FOSC = 40 MHz, VDD = 5.5V
LP osc mode
FOSC = 32 kHz, VDD = 3.0V
D020
IPD
Power-down
Current(3)
—
<1
—
µAVDD = 3.0V, -40°C to +85°C
D021
D423.
D022A
∆IWDT
∆ILVD
∆IBOR
Module Differential
Current(5)
Watchdog Timer
Low Voltage Detect
Brown-out Reset
—
—
—
6.5
30
30
12
50
50
µA
µA
µA
VDD = 3.0V
Brown-out disabled
Low Voltage Detect disabled
*
These parameters are characterized, but not tested.
†
Data in “Typ” column is as 5V, 25
°C unless otherwise stated. These parameters are for design guidance
only and are not tested.
Note 1: This is the limit to which VDD can be lowered without losing RAM data.
2: The supply current is mainly a function of the operating voltage and frequency. Other factors, such as I/O pin
loading and switching rate, oscillator type, internal code execution pattern and temperature, also have an
impact on the current consumption.
The test conditions for all IDD measurements in active operation mode are:
OSC1 = external square wave, from rail to rail; all I/O pins tri-stated, pulled to VDD
MCLR = VDD; WDT enabled/disabled as specified.
3: The power-down current in SLEEP mode does not depend on the oscillator type. Power-down current is
measured with the part in SLEEP mode, with all I/O pins in hi-impedance state and tied to VDD or VSS.
4: For RC osc mode, current through REXT is not included. The current through the resistor can be
estimated by the formula Ir = VDD/2REXT (mA) with REXT in kOhm.
5: The
∆ current is the additional current consumed when the peripheral is enabled. This current should be
added to the base current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com