Electronic Components Datasheet Search
  English  ▼

X  

PIC18F010 Datasheet(PDF) 151 Page - Microchip Technology

Part # PIC18F010
Description  High Performance Microcontrollers
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F010 Datasheet(HTML) 151 Page - Microchip Technology

Back Button PIC18F010 Datasheet HTML 147Page - Microchip Technology PIC18F010 Datasheet HTML 148Page - Microchip Technology PIC18F010 Datasheet HTML 149Page - Microchip Technology PIC18F010 Datasheet HTML 150Page - Microchip Technology PIC18F010 Datasheet HTML 151Page - Microchip Technology PIC18F010 Datasheet HTML 152Page - Microchip Technology PIC18F010 Datasheet HTML 153Page - Microchip Technology PIC18F010 Datasheet HTML 154Page - Microchip Technology PIC18F010 Datasheet HTML 155Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 176 page
background image
 2001 Microchip Technology Inc.
Preliminary
DS41142A-page 149
PIC18F010/020
15.3
DC Characteristics: LVD-BOR
FIGURE 15-3:
LOW VOLTAGE DETECT CHARACTERISTICS
TABLE 15-1:
ELECTRICAL CHARACTERISTICS: LVD
VLVD
LVDIF
VDD
(LVDIF set by hardware)
VCC = 2.5V to 5.5V
Industrial (I):
TAMB = -40°C to +85°C
Param
No.
Characteristic
Symbol
Min
Typ†
Max
Units
Conditions
D420
LVD Voltage on VDD
transition high to low
LVV = 0000
LVV = 0001
LVV = 0010
LVV = 0011
LVV = 0100
LVV = 0101
LVV = 0110
LVV = 0111
LVV = 1000
LVV = 1001
LVV = 1010
LVV = 1011
LVV = 1100
LVV = 1101
LVV = 1110
VPLVD
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
1.9
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
3.5
4.0
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
VPLVD = 2.0V selected
VPLVD = 2.1V selected
VPLVD = 2.2V selected
VPLVD = 2.3V selected
VPLVD = 2.4V selected
VPLVD = 2.5V selected
VPLVD = 2.6V selected
VPLVD = 2.7V selected
VPLVD = 2.8V selected
VPLVD = 2.9V selected
VPLVD = 3.0V selected
VPLVD = 3.1V selected
VPLVD = 3.2V selected
VPLVD = 4.4V selected
VPLVD = 4.7V selected
D421
LVD Voltage Drift Temperature
coefficient
TCVOUT
—
15
50
ppm/°C
D422
LVD Voltage Drift with respect to VDD
Regulation
∆VLVD/
∆VDD
——
50
µV/V
Note 1: Production tested at TAMB = 25°C. Specifications over temp limits are insured by characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com