Electronic Components Datasheet Search
  English  ▼

X  

PIC18F010 Datasheet(PDF) 155 Page - Microchip Technology

Part # PIC18F010
Description  High Performance Microcontrollers
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F010 Datasheet(HTML) 155 Page - Microchip Technology

Back Button PIC18F010 Datasheet HTML 151Page - Microchip Technology PIC18F010 Datasheet HTML 152Page - Microchip Technology PIC18F010 Datasheet HTML 153Page - Microchip Technology PIC18F010 Datasheet HTML 154Page - Microchip Technology PIC18F010 Datasheet HTML 155Page - Microchip Technology PIC18F010 Datasheet HTML 156Page - Microchip Technology PIC18F010 Datasheet HTML 157Page - Microchip Technology PIC18F010 Datasheet HTML 158Page - Microchip Technology PIC18F010 Datasheet HTML 159Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 176 page
background image
 2001 Microchip Technology Inc.
Preliminary
DS41142A-page 153
PIC18F010/020
FIGURE 15-7:
CLKOUT AND I/O TIMING
TABLE 15-4:
CLKOUT AND I/O TIMING REQUIREMENTS
Note: Refer to Figure 15-5 for load conditions.
OSC1
CLKOUT
I/O Pin
(input)
I/O Pin
(output)
Q4
Q1
Q2
Q3
10
13
14
17
20, 21
19
18
15
11
12
16
old value
new value
Parameter
No.
Symbol
Characteristic
Min
Typ†
Max
Units Conditions
10*
TosH2ckL OSC1
↑ to CLKOUT↓
—
75
200
ns
(Note 1)
11*
TosH2ckH OSC1
↑ to CLKOUT↑
—
75
200
ns
(Note 1)
12*
TckR
CLKOUT rise time
—
35
100
ns
(Note 1)
13*
TckF
CLKOUT fall time
—
35
100
ns
(Note 1)
14*
TckL2ioV CLKOUT
↓ to Port out valid
——
0.5TCY + 10
ns
(Note 1)
15*
TioV2ckH Port in valid before CLKOUT
↑
0.25TCY + 25
——
ns
(Note 1)
16*
TckH2ioI
Port in hold after CLKOUT
↑
0
——
ns
(Note 1)
17*
TosH2ioV OSC1
↑ (Q1 cycle) to Port out valid
—
50
150
ns
18*
TosH2ioI
OSC1
↑ (Q2 cycle) to
Port input invalid (I/O in hold time)
100
——
ns
19*
TioV2osH Port input valid to OSC1
↑
(I/O in setup time)
0
——
ns
20*
TioR
Port output rise time
—
10
25
ns
21*
TioF
Port output fall time
—
10
25
ns
23††*
Trbp
RB5:RB0 change INT high or low time
TCY
——
ns
*
These parameters are characterized but not tested.
†
Data in "Typ" column is at 5V, 25°C unless otherwise stated. These parameters are for design guidance
only and are not tested.
††
These parameters are asynchronous events not related to any internal clock edges.
Note 1: Measurements are taken in Internal Oscillator mode where CLKOUT output is 4 x TOSC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com