Electronic Components Datasheet Search
  English  ▼

X  

PIC18F010 Datasheet(PDF) 154 Page - Microchip Technology

Part # PIC18F010
Description  High Performance Microcontrollers
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F010 Datasheet(HTML) 154 Page - Microchip Technology

Back Button PIC18F010 Datasheet HTML 150Page - Microchip Technology PIC18F010 Datasheet HTML 151Page - Microchip Technology PIC18F010 Datasheet HTML 152Page - Microchip Technology PIC18F010 Datasheet HTML 153Page - Microchip Technology PIC18F010 Datasheet HTML 154Page - Microchip Technology PIC18F010 Datasheet HTML 155Page - Microchip Technology PIC18F010 Datasheet HTML 156Page - Microchip Technology PIC18F010 Datasheet HTML 157Page - Microchip Technology PIC18F010 Datasheet HTML 158Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 176 page
background image
PIC18F010/020
DS41142A-page 152
Preliminary
 2001 Microchip Technology Inc.
15.4.2
TIMING DIAGRAMS AND SPECIFICATIONS
FIGURE 15-6:
EXTERNAL CLOCK TIMING
TABLE 15-3:
EXTERNAL CLOCK TIMING REQUIREMENTS
Param. No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
FOSC External CLKIN Frequency
(Note 1)
DC
—
4
MHz RC osc mode
DC
—
4MHz XT osc mode
DC
—
25
MHz HS osc mode
DC
—
40
MHz EC osc mode
DC
—
200
kHz
LP osc mode
Oscillator Frequency
(Note 1)
DC
—
4
MHz RC osc mode
0.1
—
4MHz XT osc mode
4
—
25
MHz HS osc mode
4
—
8.25
MHz HS osc mode
5
—
200
kHz
LP osc mode
1TOSC
External CLKIN Period
(Note 1)
250
——
ns
RC osc mode
100
——
ns
XT osc mode
40
——
ns
HS osc mode
120
——
ns
HS osc mode
30
——
ns
EC osc mode
5
——
µsLP osc mode
Oscillator Period
(Note 1)
250
——
ns
RC osc mode
0.1
—
10
µsXT osc mode
40
—
100
ns
HS osc mode
120
—
100
ns
HS osc mode
5
——
µsLP osc mode
2TCY
Instruction Cycle Time
(Note 1)
100
Tcy
DC
ns
TCY = 4/System Clock,
40 MHz max
3
TosL,
TosH
External Clock in (OSC1) High
or Low Time
30
——
ns
XT oscillator
2.5
——
µs
LP oscillator
10
——
ns
HS oscillator
4TosR,
TosF
External Clock in (OSC1) Rise
or Fall Time
—
—
20
ns
XT oscillator
—
—
50
ns
LP oscillator
——
7.5
ns
HS oscillator
† Data in "Typ" column is at 5V, 25°C unless otherwise stated. These parameters are for design guidance only
and are not tested.
Note 1: Instruction cycle period (TCY) equals four times the input oscillator time-base period. All specified values are
based on characterization data for that particular oscillator type under standard operating conditions with the
device executing code. Exceeding these specified limits may result in an unstable oscillator operation and/or
higher than expected current consumption. All devices are tested to operate at "min." values with an external
clock applied to the OSC1/CLKIN pin. When an external clock input is used, the "max." cycle time limit is
"DC" (no clock) for all devices.
OSC1
CLKOUT
Q4
Q1
Q2
Q3
Q4
Q1
1
2
3
3
4
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com