Electronic Components Datasheet Search
  English  ▼

X  

PIC18F010 Datasheet(PDF) 157 Page - Microchip Technology

Part # PIC18F010
Description  High Performance Microcontrollers
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F010 Datasheet(HTML) 157 Page - Microchip Technology

Back Button PIC18F010 Datasheet HTML 153Page - Microchip Technology PIC18F010 Datasheet HTML 154Page - Microchip Technology PIC18F010 Datasheet HTML 155Page - Microchip Technology PIC18F010 Datasheet HTML 156Page - Microchip Technology PIC18F010 Datasheet HTML 157Page - Microchip Technology PIC18F010 Datasheet HTML 158Page - Microchip Technology PIC18F010 Datasheet HTML 159Page - Microchip Technology PIC18F010 Datasheet HTML 160Page - Microchip Technology PIC18F010 Datasheet HTML 161Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 176 page
background image
 2001 Microchip Technology Inc.
Preliminary
DS41142A-page 155
PIC18F010/020
TABLE 15-5:
RESET, WATCHDOG TIMER, OSCILLATOR START-UP TIMER, POWER-UP TIMER
AND BROWN-OUT RESET REQUIREMENTS
TABLE 15-6:
BANDGAP START-UP TIME
Parameter
No.
Sym
Characteristic
Min
Typ†
Max
Unit
s
Conditions
30
TmcL
MCLR Pulse Width (low)
100
——
ns
VDD = 5V, -40°C to +85°C
31*
TWDT
Watchdog Timer Time-out
Period (No Prescaler)
718
33
ms
VDD = 5V, -40°C to +85°C
32
TOST
Oscillation Start-up Timer
Period
—
1024TOSC
——
TOSC = OSC1 period
33*
TPWRT Power up Timer Period
28
72
132
ms
VDD = 5V, -40°C to +85°C
34
TIOZ
I/O Hi-Impedance from MCLR
Low or Watchdog Timer Reset
——
100
ns
35
TBOR
Brown-out Reset pulse width
100
——
µsVDD ≤ BVDD (D005)
*
These parameters are characterized but not tested.
†
Data in "Typ" column is at 5V, 25°C unless otherwise stated. These parameters are for design guidance only
and are not tested.
Parameter
No.
Symbol
Characteristic
Min
Typ†
Max
Units
Conditions
36*
TIVR
Internal Voltage Reference
start-up time
—
20
50
µs
Defined as the time between
the instant that the Internal
Voltage Reference is enabled
and the moment that the
Internal Voltage Reference is
stable.
*
These parameters are characterized but not tested.
†
Data in "Typ" column is at 5V, 25°C unless otherwise stated. These parameters are for design guidance only
and are not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com