Electronic Components Datasheet Search
  English  ▼

X  

LP2987 Datasheet(PDF) 4 Page - Texas Instruments

Part # LP2987
Description  LP2987/LP2988 Micropower, 200 mA Ultra Low-Dropout Voltage Regulator with Programmable Power-On Reset Delay; Low Noise Version Available (LP2988)
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2987 Datasheet(HTML) 4 Page - Texas Instruments

  LP2987_15 Datasheet HTML 1Page - Texas Instruments LP2987_15 Datasheet HTML 2Page - Texas Instruments LP2987_15 Datasheet HTML 3Page - Texas Instruments LP2987_15 Datasheet HTML 4Page - Texas Instruments LP2987_15 Datasheet HTML 5Page - Texas Instruments LP2987_15 Datasheet HTML 6Page - Texas Instruments LP2987_15 Datasheet HTML 7Page - Texas Instruments LP2987_15 Datasheet HTML 8Page - Texas Instruments LP2987_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
LP2987, LP2988
SNVS004J – MARCH 1999 – REVISED APRIL 2013
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
Limits in standard typeface are for TJ = 25°C, and limits in boldface type apply over the full operating temperature range.
Unless otherwise specified: VIN = VO(NOM) + 1V, IL = 1 mA, COUT = 4.7 µF, CIN = 2.2 µF, VS/D = 2V.
LM2987/8AI-X.X (1)
LM2987/8I-X.X (1)
Symbol
Parameter
Conditions
Typical
Units
Min
Max
Min
Max
VIN–VO
Dropout Voltage
IL = 100 µA
2.0
2.0
1
(2)
3.5
3.5
IL = 75 mA
120
120
90
mV
170
170
IL = 200 mA
230
230
180
350
350
IGND
Ground Pin Current
IL = 100 µA
120
120
100
150
150
µA
IL = 75 mA
800
800
500
1400
1400
IL = 200 mA
2.1
2.1
1
mA
3.7
3.7
VS/D < 0.3V
0.05
1.5
1.5
µA
IO(PK)
Peak Output Current
VOUT ≥ VO(NOM) − 5%
400
250
250
mA
IO(MAX)
Short Circuit Current
RL = 0 (Steady State)
(3)
400
en
LP2987 Output Noise
BW = 300 Hz to
Voltage (RMS)
50 kHz, VOUT = 3.3V
100
COUT = 10 µF
µV(RMS)
LP2988 Output Noise
BW = 300 Hz to 50 kHz,
Voltage (RMS)
VOUT = 3.3V
20
COUT = 10 µF
CBYPASS = .01 µF
ΔVOUT/ΔVIN
Ripple Rejection
f = 1 kHz, COUT = 10 µF
65
dB
CBYP = 0 (LP2988)
ΔVOUT/ΔT
Output Voltage
(4)
20
ppm/°C
Temperature Coefficient
IDELAY
Delay Pin Current Source
1.6
2.8
1.6
2.8
2.2
µA
1.4
3.0
1.4
3.0
SHUTDOWN INPUT
VS/D
S/D Input Voltage
VH = O/P ON
1.4
1.6
1.6
V
(5)
VL = O/P OFF
0.55
0.18
0.18
IS/D
S/D Input Current
VS/D = 0
0
−1
−1
µA
VS/D = 5V
5
15
15
(2)
Dropout voltage is defined as the input to output differential at which the output voltage drops 100 mV below the value measured with a
1V differential.
(3)
See TYPICAL PERFORMANCE CHARACTERISTICS curves.
(4)
Temperature coefficient is defined as the maximum (worst-case) change divided by the total temperature range.
(5)
To prevent mis-operation, the Shutdown input must be driven by a signal that swings above VH and below VL with a slew rate not less
than 40 mV/µs (see APPLICATION HINTS).
4
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LP2987 LP2988



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com