Electronic Components Datasheet Search
  English  ▼

X  

LP2987 Datasheet(PDF) 5 Page - Texas Instruments

Part # LP2987
Description  LP2987/LP2988 Micropower, 200 mA Ultra Low-Dropout Voltage Regulator with Programmable Power-On Reset Delay; Low Noise Version Available (LP2988)
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2987 Datasheet(HTML) 5 Page - Texas Instruments

  LP2987_15 Datasheet HTML 1Page - Texas Instruments LP2987_15 Datasheet HTML 2Page - Texas Instruments LP2987_15 Datasheet HTML 3Page - Texas Instruments LP2987_15 Datasheet HTML 4Page - Texas Instruments LP2987_15 Datasheet HTML 5Page - Texas Instruments LP2987_15 Datasheet HTML 6Page - Texas Instruments LP2987_15 Datasheet HTML 7Page - Texas Instruments LP2987_15 Datasheet HTML 8Page - Texas Instruments LP2987_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
LP2987, LP2988
www.ti.com
SNVS004J – MARCH 1999 – REVISED APRIL 2013
ELECTRICAL CHARACTERISTICS (continued)
Limits in standard typeface are for TJ = 25°C, and limits in boldface type apply over the full operating temperature range.
Unless otherwise specified: VIN = VO(NOM) + 1V, IL = 1 mA, COUT = 4.7 µF, CIN = 2.2 µF, VS/D = 2V.
LM2987/8AI-X.X (1)
LM2987/8I-X.X (1)
Symbol
Parameter
Conditions
Typical
Units
Min
Max
Min
Max
ERROR COMPARATOR
IOH
Output “HIGH” Leakage
VOH = 16V
1
1
0.01
µA
2
2
VOL
Output “LOW” Voltage
VIN = VO(NOM) − 0.5V,
220
220
150
mV
IO(COMP) = 300 µA
350
350
VTHR
Upper Threshold Voltage
−5.5
−3.5
−5.5
−3.5
−4.6
(MAX)
−7.7
−2.5
−7.7
−2.5
VTHR
Lower Threshold Voltage
−8.9
−4.9
−8.9
−4.9
%VOUT
−6.6
(MIN)
−13.0
−3.3
−13.0
−3.3
HYST
Hysteresis
2.0
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LP2987 LP2988



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com