Electronic Components Datasheet Search
  English  ▼

X  

LP2987 Datasheet(PDF) 3 Page - Texas Instruments

Part # LP2987
Description  LP2987/LP2988 Micropower, 200 mA Ultra Low-Dropout Voltage Regulator with Programmable Power-On Reset Delay; Low Noise Version Available (LP2988)
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2987 Datasheet(HTML) 3 Page - Texas Instruments

  LP2987_15 Datasheet HTML 1Page - Texas Instruments LP2987_15 Datasheet HTML 2Page - Texas Instruments LP2987_15 Datasheet HTML 3Page - Texas Instruments LP2987_15 Datasheet HTML 4Page - Texas Instruments LP2987_15 Datasheet HTML 5Page - Texas Instruments LP2987_15 Datasheet HTML 6Page - Texas Instruments LP2987_15 Datasheet HTML 7Page - Texas Instruments LP2987_15 Datasheet HTML 8Page - Texas Instruments LP2987_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
using:
The value of
θJ−A for the SOIC-8 (D) package is 160°C/W, and the VSSOP-8 (DGK) package is 200°C/W.
LP2987, LP2988
www.ti.com
SNVS004J – MARCH 1999 – REVISED APRIL 2013
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
(1) (2)
Storage Temperature Range
−65°C to +150°C
Operating Junction
Temperature Range
−40°C to +125°C
Lead Temperature
(Soldering, 5 seconds)
260°C
ESD Rating (3)
2 kV
Power Dissipation (4)
Internally Limited
Input Supply Voltage
(Survival)
−0.3V to +16V
Input Supply Voltage
(Operating)
2.1V to +16V
Shutdown Pin
−0.3V to +16V
Sense Pin
−0.3V to +6V
Output Voltage
(Survival) (5)
−0.3V to +16V
IOUT (Survival)
Short Circuit Protected
Input-Output Voltage
(Survival) (6)
−0.3V to +16V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Electrical specifications do not apply
when operating the device outside of its rated operating conditions.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
The ESD rating of the Bypass pin is 500V (LP2988 only). The ESD rating of the VIN pin is 1kV and the Delay pin is ESD rated at 1.5kV.
(4)
The maximum allowable power dissipation is a function of the maximum junction temperature, TJ(MAX), the junction-to-ambient thermal
resistance,
θJ−A, and the ambient temperature, TA. The maximum allowable power dissipation at any ambient temperature is calculated
The value
θJ−A for the WSON (NGN) package is specifically dependent on PCB trace area, trace material, and the number of layers and
thermal vias. For improved thermal resistance and power dissipation for the WSON package, refer to Application Note AN-1187
(literature number SNOA401). Exceeding the maximum allowable power dissipation will cause excessive die temperature, and the
regulator will go into thermal shutdown.
(5)
If used in a dual-supply system where the regulator load is returned to a negative supply, the LM2987/8 output must be diode-clamped
to ground.
(6)
The output PNP structure contains a diode between the VIN and VOUT terminals that is normally reverse-biased. Forcing the output
above the input will turn on this diode and may induce a latch-up mode which can damage the part (see APPLICATION HINTS).
ELECTRICAL CHARACTERISTICS
Limits in standard typeface are for TJ = 25°C, and limits in boldface type apply over the full operating temperature range.
Unless otherwise specified: VIN = VO(NOM) + 1V, IL = 1 mA, COUT = 4.7 µF, CIN = 2.2 µF, VS/D = 2V.
LM2987/8AI-X.X (1)
LM2987/8I-X.X (1)
Symbol
Parameter
Conditions
Typical
Units
Min
Max
Min
Max
ΔVO
Output Voltage Tolerance
−0.5
0.5
−1.0
1.0
0.1 mA < IL < 200 mA
−0.8
0.8
−1.6
1.6
%VNOM
−1.8
1.8
−2.8
2.8
ΔVO/ΔVIN
Output Voltage Line
VO(NOM) + 1V ≤ VIN ≤ 16V
0.014
0.014
0.007
%/V
Regulation
0.032
0.032
(1)
Limits are 100% production tested at 25°C. Limits over the operating temperature range are specified through correlation using
Statistical Quality Control (SQC) methods. The limits are used to calculate TI's Average Outgoing Quality Level (AOQL).
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LP2987 LP2988



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com