Electronic Components Datasheet Search
  English  ▼

X  

LP2987 Datasheet(PDF) 10 Page - Texas Instruments

Part # LP2987
Description  LP2987/LP2988 Micropower, 200 mA Ultra Low-Dropout Voltage Regulator with Programmable Power-On Reset Delay; Low Noise Version Available (LP2988)
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2987 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP2987_15 Datasheet HTML 6Page - Texas Instruments LP2987_15 Datasheet HTML 7Page - Texas Instruments LP2987_15 Datasheet HTML 8Page - Texas Instruments LP2987_15 Datasheet HTML 9Page - Texas Instruments LP2987_15 Datasheet HTML 10Page - Texas Instruments LP2987_15 Datasheet HTML 11Page - Texas Instruments LP2987_15 Datasheet HTML 12Page - Texas Instruments LP2987_15 Datasheet HTML 13Page - Texas Instruments LP2987_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
LP2987, LP2988
SNVS004J – MARCH 1999 – REVISED APRIL 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Unless otherwise specified: TA = 25°C, COUT = 4.7 µF, CIN = 2.2 µF, S/D is tied to VIN, VIN = VO(NOM) + 1V, IL = 1 mA.
Delay Sink Current
Delay Sink Current
vs
vs Temperature
Temperature
Figure 29.
Figure 30.
Output Impedance
Output Impedance
vs
vs
Frequency
Frequency
Figure 31.
Figure 32.
Ripple Rejection (LP2987)
Ripple Rejection (LP2988)
Figure 33.
Figure 34.
10
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LP2987 LP2988



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com