Electronic Components Datasheet Search
  English  ▼

X  

LP2987 Datasheet(PDF) 1 Page - Texas Instruments

Part # LP2987
Description  LP2987/LP2988 Micropower, 200 mA Ultra Low-Dropout Voltage Regulator with Programmable Power-On Reset Delay; Low Noise Version Available (LP2988)
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2987 Datasheet(HTML) 1 Page - Texas Instruments

  LP2987_15 Datasheet HTML 1Page - Texas Instruments LP2987_15 Datasheet HTML 2Page - Texas Instruments LP2987_15 Datasheet HTML 3Page - Texas Instruments LP2987_15 Datasheet HTML 4Page - Texas Instruments LP2987_15 Datasheet HTML 5Page - Texas Instruments LP2987_15 Datasheet HTML 6Page - Texas Instruments LP2987_15 Datasheet HTML 7Page - Texas Instruments LP2987_15 Datasheet HTML 8Page - Texas Instruments LP2987_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
LP2987, LP2988
www.ti.com
SNVS004J – MARCH 1999 – REVISED APRIL 2013
LP2987/LP2988 Micropower, 200 mA Ultra Low-Dropout Voltage Regulator with
Programmable Power-On Reset Delay; Low Noise Version Available (LP2988)
Check for Samples: LP2987, LP2988
1
FEATURES
DESCRIPTION
The LP2987/8 are fixed-output 200 mA precision LDO
2
•
Ultra Low Dropout Voltage
voltage regulators with power-ON reset delay which
•
Power-ON Reset Delay Requires Only One
can be implemented using a single external capacitor.
Component
The LP2988 is specifically designed for noise-critical
•
Bypass Pin for Reduced Output Noise
applications. A single external capacitor connected to
(LP2988)
the Bypass pin reduces regulator output noise.
•
Specified Continuous Output Current 200 mA
Using an optimized VIP (Vertically Integrated PNP)
•
Specified Peak Output Current > 250 mA
process,
these
regulators
deliver
superior
•
SOIC-8 and VSSOP-8 Surface Mount Packages
performance:
•
<2
μA Quiescent Current when Shutdown
Dropout Voltage: 180 mV @ 200 mA load, and 1
•
Low Ground Pin Current at All Loads
mV @ 1 mA load (typical).
•
0.5% Output Voltage Accuracy (“A” Grade)
Ground Pin Current: 1 mA @ 200 mA load, and 200
μA @ 10 mA load (typical).
•
Wide Supply Voltage Range (16V Max)
•
Overtemperature/overcurrent Protection
Sleep Mode: The LP2987/8 draws less than 2
μA
quiescent current when shutdown pin is held low.
•
−40°C to +125°C Junction Temperature Range
Error Flag/Reset: The error flag goes low when the
APPLICATIONS
output drops approximately 5% below nominal. This
pin also provides a power-ON reset signal if a
•
Cellular Phone
capacitor is connected to the DELAY pin.
•
Palmtop/Laptop Computer
Precision Output: Standard product versions of the
•
Camcorder, Personal Stereo, Camera
LP2987 and LP2988 are available with output
voltages of 5.0V, 3.8V, 3.3V, 3.2V, 3.0V, or 2.8V, with
specified accuracy of 0.5% (“A” grade) and 1%
(standard grade) at room temperature.
Block Diagram
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LP2987_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2987AILD-3.0/NOPB TI1-LP2987AILD-3.0/NOPB Datasheet
1Mb / 30P
Micropower, 200 mA Ultra Low-Dropout Voltage Regulator
LP2987AILD-5.0/NOPB TI1-LP2987AILD-5.0/NOPB Datasheet
1Mb / 30P
Micropower, 200 mA Ultra Low-Dropout Voltage Regulator
LP2987AILDX-5.0/NOPB TI1-LP2987AILDX-5.0/NOPB Datasheet
1Mb / 30P
Micropower, 200 mA Ultra Low-Dropout Voltage Regulator
logo
National Semiconductor ...
LP2987AIM-2.8 NSC-LP2987AIM-2.8 Datasheet
562Kb / 24P
Micropower, 200 mA Ultra Low-Dropout Voltage Regulator with Programmable Power-On Reset Delay; Low Noise Version Available (LP2988)
LP2987AIM-3.0 NSC-LP2987AIM-3.0 Datasheet
562Kb / 24P
Micropower, 200 mA Ultra Low-Dropout Voltage Regulator with Programmable Power-On Reset Delay; Low Noise Version Available (LP2988)
More results

Similar Description - LP2987_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2987 NSC-LP2987 Datasheet
562Kb / 24P
Micropower, 200 mA Ultra Low-Dropout Voltage Regulator with Programmable Power-On Reset Delay; Low Noise Version Available (LP2988)
LP2978 NSC-LP2978 Datasheet
102Kb / 7P
Micropower SOT, 50 mA Low-Noise Ultra Low-Dropout Regulator
logo
NXP Semiconductors
LD6806 PHILIPS-LD6806 Datasheet
2Mb / 36P
Ultra low-dropout regulator, low noise, 200 mA
Rev. 3-9 December 2011
logo
Texas Instruments
LP2989AIM-33 TI1-LP2989AIM-33 Datasheet
1Mb / 19P
Micropower/Low Noise, 500 mA Ultra Low-Dropout Regulator
LP3985 TI-LP3985_15 Datasheet
1Mb / 33P
LP3985 Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
LP2987 TI1-LP2987 Datasheet
1Mb / 30P
Micropower, 200 mA Ultra Low-Dropout Voltage Regulator
LP2989 TI1-LP2989 Datasheet
1Mb / 34P
Micropower and Low-Noise, 500-mA Ultra Low-Dropout Regulator
LP3982 TI1-LP3982_16 Datasheet
1Mb / 28P
Micropower, Ultra-Low-Dropout, Low-Noise, 300-mA CMOS Regulator
LP3985 TI1-LP3985 Datasheet
1Mb / 33P
Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
LP3985 TI1-LP3985_16 Datasheet
1Mb / 32P
Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com