Electronic Components Datasheet Search
  English  ▼

X  

LP2989 Datasheet(PDF) 10 Page - Texas Instruments

Part # LP2989
Description  LP2989 Micropower and Low-Noise, 500-mA Ultra Low-Dropout Regulator for Use With Ceramic Output Capacitors
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2989 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP2989_15 Datasheet HTML 6Page - Texas Instruments LP2989_15 Datasheet HTML 7Page - Texas Instruments LP2989_15 Datasheet HTML 8Page - Texas Instruments LP2989_15 Datasheet HTML 9Page - Texas Instruments LP2989_15 Datasheet HTML 10Page - Texas Instruments LP2989_15 Datasheet HTML 11Page - Texas Instruments LP2989_15 Datasheet HTML 12Page - Texas Instruments LP2989_15 Datasheet HTML 13Page - Texas Instruments LP2989_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
LP2989
SNVS083O – FEBRUARY 2005 – REVISED MARCH 2015
www.ti.com
Typical Characteristics (continued)
TA = 25°C, COUT = 4.7 µF, CIN = 2.2 µF, SD is tied to VIN, VIN = VOUT(NOM)+ 1 V, IOUT = 1 mA, VOUT = 2.5 V (unless otherwise
specified)
Figure 19. Ripple Rejection
Figure 20. Ripple Rejection
Figure 21. Ripple Rejection
Figure 22. Ripple Rejection
Figure 23. Ripple Rejection
Figure 24. Ripple Rejection
10
Submit Documentation Feedback
Copyright © 2005–2015, Texas Instruments Incorporated
Product Folder Links: LP2989



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com