Electronic Components Datasheet Search
  English  ▼

X  

LP2989 Datasheet(PDF) 12 Page - Texas Instruments

Part # LP2989
Description  LP2989 Micropower and Low-Noise, 500-mA Ultra Low-Dropout Regulator for Use With Ceramic Output Capacitors
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2989 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LP2989_15 Datasheet HTML 8Page - Texas Instruments LP2989_15 Datasheet HTML 9Page - Texas Instruments LP2989_15 Datasheet HTML 10Page - Texas Instruments LP2989_15 Datasheet HTML 11Page - Texas Instruments LP2989_15 Datasheet HTML 12Page - Texas Instruments LP2989_15 Datasheet HTML 13Page - Texas Instruments LP2989_15 Datasheet HTML 14Page - Texas Instruments LP2989_15 Datasheet HTML 15Page - Texas Instruments LP2989_15 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
LP2989
SNVS083O – FEBRUARY 2005 – REVISED MARCH 2015
www.ti.com
Typical Characteristics (continued)
TA = 25°C, COUT = 4.7 µF, CIN = 2.2 µF, SD is tied to VIN, VIN = VOUT(NOM)+ 1 V, IOUT = 1 mA, VOUT = 2.5 V (unless otherwise
specified)
Figure 31. Turn-ON Waveform
Figure 32. Turn-ON Waveform
Figure 33. Turn-ON Waveform
Figure 34. IGND vs Shutdown
Figure 35. IGND vs Shutdown
Figure 36. IGND vs Shutdown
12
Submit Documentation Feedback
Copyright © 2005–2015, Texas Instruments Incorporated
Product Folder Links: LP2989



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com