Electronic Components Datasheet Search
  English  ▼

X  

LP2989 Datasheet(PDF) 16 Page - Texas Instruments

Part # LP2989
Description  LP2989 Micropower and Low-Noise, 500-mA Ultra Low-Dropout Regulator for Use With Ceramic Output Capacitors
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2989 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LP2989_15 Datasheet HTML 12Page - Texas Instruments LP2989_15 Datasheet HTML 13Page - Texas Instruments LP2989_15 Datasheet HTML 14Page - Texas Instruments LP2989_15 Datasheet HTML 15Page - Texas Instruments LP2989_15 Datasheet HTML 16Page - Texas Instruments LP2989_15 Datasheet HTML 17Page - Texas Instruments LP2989_15 Datasheet HTML 18Page - Texas Instruments LP2989_15 Datasheet HTML 19Page - Texas Instruments LP2989_15 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
LP2989
SNVS083O – FEBRUARY 2005 – REVISED MARCH 2015
www.ti.com
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The LP2989 is a linear voltage regulator operating from 2.1 V to 16 V on the input and regulates voltages
between 2.5 V to 5 V with 0.75% accuracy and 500 mA maximum outputs current. Efficiency is defined by the
ratio of output voltage to input voltage because the LP2989 is a linear voltage regulator. To achieve high
efficiency, the dropout voltage (VIN – VOUT) must be as small as possible, thus requiring a very low dropout LDO.
Successfully implementing an LDO in an application depends on the application requirements. If the
requirements are simply input voltage and output voltage, compliance specifications (such as internal power
dissipation or stability) must be verified to ensure a solid design. If timing, start-up, noise, PSRR, or any other
transient specification is required, the design becomes more challenging. This section discusses the
implementation and behavior of the LP2989 LDO.
8.2 Typical Application
*Capacitance values shown are minimum required to assure stability, but may be increased without limit. Larger
output capacitor provides improved dynamic response. See the Output Capacitor section.
**Shutdown must be actively terminated (see the Shutdown Input Operation section). Tie to IN (pin 4) if not use.
Figure 40. Typical Application Schematic
8.2.1 Design Requirements
DESIGN PARAMETER
DESIGN REQUIREMENT
Input voltage
6.5 V, ±10%,
Output voltage
5 V, ±1%
Output current
500 mA (maximum), 1 mA (minimum)
RMS noise, 100 Hz to 100 kHz
18
μVRMS typical
PSRR at 1 kHz
60 dB typical
16
Submit Documentation Feedback
Copyright © 2005–2015, Texas Instruments Incorporated
Product Folder Links: LP2989



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com