Electronic Components Datasheet Search
  English  ▼

X  

LP2989 Datasheet(PDF) 19 Page - Texas Instruments

Part # LP2989
Description  LP2989 Micropower and Low-Noise, 500-mA Ultra Low-Dropout Regulator for Use With Ceramic Output Capacitors
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2989 Datasheet(HTML) 19 Page - Texas Instruments

Back Button LP2989_15 Datasheet HTML 15Page - Texas Instruments LP2989_15 Datasheet HTML 16Page - Texas Instruments LP2989_15 Datasheet HTML 17Page - Texas Instruments LP2989_15 Datasheet HTML 18Page - Texas Instruments LP2989_15 Datasheet HTML 19Page - Texas Instruments LP2989_15 Datasheet HTML 20Page - Texas Instruments LP2989_15 Datasheet HTML 21Page - Texas Instruments LP2989_15 Datasheet HTML 22Page - Texas Instruments LP2989_15 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
LP2989
www.ti.com
SNVS083O – FEBRUARY 2005 – REVISED MARCH 2015
For these reasons, X7R and X5R type ceramic capacitors must be used on the input and output of the LP2989.
8.2.2.3.2
Tantalum
Tantalum capacitors are less desirable than ceramics for use as output capacitors because they are typically
more expensive when comparing equivalent capacitance and voltage ratings in the 1 µF to 4.7 µF range.
Another important consideration is that Tantalum capacitors have higher ESR values than equivalent size
ceramics; while it may be possible to find a Tantalum capacitor with an ESR value within the stable range, it
would have to be larger in capacitance (which means bigger and more costly) than a ceramic capacitor with the
same ESR value.
It should also be noted that the ESR of a typical Tantalum will increase about 2:1 as the temperature goes from
25°C down to
−40°C, so some guard band must be allowed.
Tantalum capacitors may be used on the input as long as the requirement for minimum capacitance is met.
8.2.2.3.3
Film
Polycarbonate and polypropelene film capacitors have excellent electrical performance: their ESR is the lowest of
the three types listed, their capacitance is very stable with temperature, and DC leakage current is extremely low.
One disadvantage is that film capacitors are larger in physical size than ceramic or tantalum which makes film a
poor choice for either input or output capacitors.
However, their low leakage makes them a good choice for the noise bypass capacitor. Because the required
amount of capacitance is only 0.01 µF, small surface-mount film capacitors are available in this size.
8.2.2.4 Reverse Input-Output Voltage
The PNP power transistor used as the pass element in the LP2989 has an inherent diode connected between
the regulator output and input.
During normal operation (where the input voltage is higher than the output) this diode is reverse-biased.
However, if the output is pulled above the input, this diode will turn on and current will flow into the regulator
output.
In such cases, a parasitic SCR can latch which will allow high current to flow into VIN can damage the part.
In any application where the output may be pulled above the input, an external Schottky diode must be
connected from VIN to VOUT (cathode on VIN, anode on VOUT), to limit the reverse voltage across the LP2989 to
0.3 V (see the Absolute Maximum Ratings table).
8.2.3 Application Curves
Figure 43. Load Transient Response
Figure 42. Line Transient Response
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LP2989



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com