Electronic Components Datasheet Search
  English  ▼

X  

LP2989 Datasheet(PDF) 14 Page - Texas Instruments

Part # LP2989
Description  LP2989 Micropower and Low-Noise, 500-mA Ultra Low-Dropout Regulator for Use With Ceramic Output Capacitors
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2989 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LP2989_15 Datasheet HTML 10Page - Texas Instruments LP2989_15 Datasheet HTML 11Page - Texas Instruments LP2989_15 Datasheet HTML 12Page - Texas Instruments LP2989_15 Datasheet HTML 13Page - Texas Instruments LP2989_15 Datasheet HTML 14Page - Texas Instruments LP2989_15 Datasheet HTML 15Page - Texas Instruments LP2989_15 Datasheet HTML 16Page - Texas Instruments LP2989_15 Datasheet HTML 17Page - Texas Instruments LP2989_15 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
LP2989
SNVS083O – FEBRUARY 2005 – REVISED MARCH 2015
www.ti.com
7 Detailed Description
7.1 Overview
The LP2989 device is a very high-accuracy micro-power voltage regulator with low quiescent current (75
μA
typical) and low dropout voltage (typical 40 mV at light loads and 380 mV at 100 mA). It is ideally suited for use
in battery-powered systems. The LP2989 block diagram contains several features, including:
•
Very high-accuracy 1.23-V reference
•
Fixed 2.5-V to 5-V versions
•
Shutdown input
•
Error flag output
•
Internal protection circuitry, such as foldback current limit, and thermal shutdown
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 High-Accuracy Output Voltage
With special careful design to minimize all contributions to the output voltage error, the LP2989 distinguishes
itself as a very high output-voltage-accuracy micro-power LDO. This includes a tight initial tolerance (.75%
typical, A grade), extremely good line regulation (.005%/V typical), and a very low output-noise voltage (10 µVRMS
typical), making the device an ideal a low-power voltage reference.
7.3.2 Sleep Mode
When pulling SHUTDOWN pin to low levels, the LP2989 enters shutdown mode, and a very low quiescent
current is consumed. This function is designed for applications which needs a shutdown mode to effectively
enhance battery life cycle.
7.3.3 Error Detection Comparator Output
The LP2989 will generate a logic low output whenever its output falls out of regulation by more than
approximately 5%. Refer to Application and Implementation for more details.
14
Submit Documentation Feedback
Copyright © 2005–2015, Texas Instruments Incorporated
Product Folder Links: LP2989



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com