Electronic Components Datasheet Search
  English  ▼

X  

RFM42B Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # RFM42B
Description  ISM TRANSMITTER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RFM42B Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button RFM42B Datasheet HTML 9Page - List of Unclassifed Manufacturers RFM42B Datasheet HTML 10Page - List of Unclassifed Manufacturers RFM42B Datasheet HTML 11Page - List of Unclassifed Manufacturers RFM42B Datasheet HTML 12Page - List of Unclassifed Manufacturers RFM42B Datasheet HTML 13Page - List of Unclassifed Manufacturers RFM42B Datasheet HTML 14Page - List of Unclassifed Manufacturers RFM42B Datasheet HTML 15Page - List of Unclassifed Manufacturers RFM42B Datasheet HTML 16Page - List of Unclassifed Manufacturers RFM42B Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 56 page
background image
RFM42B/43B
3.2. Operating Mode Control
There are three primary states in the RFM42B/43B radio state machine: SHUTDOWN, IDLE, and TX (see
Figure 5). The SHUTDOWN state completely shuts down the radio to minimize current consumption. There are five
different configurations/options for the IDLE state which can be selected to optimize the chip to the applications
needs. "Register 07h. Operating Mode and Function Control 1" controls which operating mode/state is selected
with the exception of SHUTDOWN which is controlled by SDN pin. The TX state may be reached automatically
from any of the IDLE states by setting the txon bit in "Register 07h. Operating Mode and Function Control 1."
Table 10 shows each of the operating modes with the time required to reach TX mode as well as the current
consumption of each mode.
The RFM42B/43B includes a low-power digital regulated supply (LPLDO) which is internally connected in parallel
to the output of the main digital regulator (and is available externally at the VR_DIG pin). This common digital
supply voltage is connected to all digital circuit blocks including the SPI and register space. The LPLDO has
extremely low quiescent current consumption but limited current supply capability; it is used only in the IDLE-
STANDBY and IDLE-SLEEP modes. The main digital regulator is automatically enabled in all other modes.
Figure 5. State Machine Diagram
Table 10. Operating Modes Response Time
State/Mode
Response Time to TX
Current in State/Mode [µA]
Shut Down State
16.8 ms
15 nA
Idle States:
Standby Mode
Sleep Mode
Sensor Mode
Ready Mode
Tune Mode
800 µs
800 µs
800 µs
200 µs
200 µs
450 nA
1µA
1µA
800 µA
8.5 mA
TX State
NA
RFM42B:
85 mA @ +20 dBm,
RFM43B:
30 mA @ +13 dBm
SHUT DWN
IDLE*
TX
*Five Different Options for IDLE
SHUTDOWN
13
Tel: +86-755-82973805
Fax: +86-755-82973550
E-mail: sales@hoperf.com http://www.hoperf.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com