Electronic Components Datasheet Search
  English  ▼

X  

RFM42B Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # RFM42B
Description  ISM TRANSMITTER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RFM42B Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button RFM42B Datasheet HTML 17Page - List of Unclassifed Manufacturers RFM42B Datasheet HTML 18Page - List of Unclassifed Manufacturers RFM42B Datasheet HTML 19Page - List of Unclassifed Manufacturers RFM42B Datasheet HTML 20Page - List of Unclassifed Manufacturers RFM42B Datasheet HTML 21Page - List of Unclassifed Manufacturers RFM42B Datasheet HTML 22Page - List of Unclassifed Manufacturers RFM42B Datasheet HTML 23Page - List of Unclassifed Manufacturers RFM42B Datasheet HTML 24Page - List of Unclassifed Manufacturers RFM42B Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
RFM42B/43B
Figure 7. Frequency Deviation
The previous equation should be used to calculate the desired frequency deviation. If desired, frequency
modulation may also be disabled in order to obtain an unmodulated carrier signal at the channel center frequency;
see "4.1. Modulation Type" for further details.
Add R/W
Function/Description
D7
D6
D5
D4
D3
D2
D1
D0
POR Def.
71
R/W Modulation Mode Control 2 trclk[1] trclk[0] dtmod[1] dtmod[0] eninv fd[8] modtyp[1] modtyp[0]
00h
72
R/W
Frequency Deviation
fd[7]
fd[6]
fd[5]
fd[4]
fd[3] fd[2]
fd[1]
fd[0]
20h
fcarrier
Time
f
21
Tel: +86-755-82973805
Fax: +86-755-82973550
E-mail: sales@hoperf.com http://www.hoperf.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com