Electronic Components Datasheet Search
  English  ▼

X  

RFM42B Datasheet(PDF) 45 Page - List of Unclassifed Manufacturers

Part # RFM42B
Description  ISM TRANSMITTER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RFM42B Datasheet(HTML) 45 Page - List of Unclassifed Manufacturers

Back Button RFM42B Datasheet HTML 41Page - List of Unclassifed Manufacturers RFM42B Datasheet HTML 42Page - List of Unclassifed Manufacturers RFM42B Datasheet HTML 43Page - List of Unclassifed Manufacturers RFM42B Datasheet HTML 44Page - List of Unclassifed Manufacturers RFM42B Datasheet HTML 45Page - List of Unclassifed Manufacturers RFM42B Datasheet HTML 46Page - List of Unclassifed Manufacturers RFM42B Datasheet HTML 47Page - List of Unclassifed Manufacturers RFM42B Datasheet HTML 48Page - List of Unclassifed Manufacturers RFM42B Datasheet HTML 49Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 56 page
background image
RFM42B/43B
9. Register Table and Descriptions
Note:
Detailed register descriptions are available in “RFM42B/43B Register Descriptions.”
Table 15. Register Descriptions
Add
R/W
Function/Desc
Data
POR
Default
D7
D6
D5
D4
D3
D2
D1
D0
01
R
Device Version
0
0
0
vc[4]
vc[3]
vc[2]
vc[1]
vc[0]
06h
02
R
Device Status
ffovfl
ffunfl
Reserved
reserved
reserved
cps[1]
cps[0]
—
03
R
Interrupt Status 1
ifferr
itxffafull
itxffaem
Reserved
iext
ipksent
Reserved
Reserved
—
04
R
Interrupt Status 2
Reserved
Reserved
Reserved
Reserved
iwut
ilbd
ichiprdy
ipor
—
05
R/W
Interrupt Enable 1
enfferr
entxffafull
entxffaem
Reserved
enext
enpksent
Reserved
Reserved
00h
06
R/W
Interrupt Enable 2
Reserved
Reserved
Reserved
Reserved
enwut
enlbd
enchiprdy
enpor
03h
07
R/W Operating & Function Control 1
swres
enlbd
enwt
x32ksel
txon
Reserved
pllon
xton
01h
08
R/W Operating & Function Control 2
Reserved
Reserved
Reserved
Reserved
autotx
enldm
Reserved
ffclrtx
00h
09
R/W
Crystal Oscillator Load
Capacitance
xtalshft
xlc[6]
xlc[5]
xlc[4]
xlc[3]
xlc[2]
xlc[1]
xlc[0]
7Fh
0A
R/W
Microcontroller Output Clock
Reserved
Reserved
clkt[1]
clkt[0]
enlfc
mclk[2]
mclk[1]
mclk[0]
06h
0B
R/W
GPIO0 Configuration
gpio0drv[1]
gpio0drv[0]
pup0
gpio0[4]
gpio0[3]
gpio0[2]
gpio0[1]
gpio0[0]
00h
0C
R/W
GPIO1 Configuration
gpio1drv[1]
gpio1drv[0]
pup1
gpio1[4]
gpio1[3]
gpio1[2]
gpio1[1]
gpio1[0]
00h
0D
R/W
GPIO2 Configuration
gpio2drv[1]
gpio2drv[0]
pup2
gpio2[4]
gpio2[3]
gpio2[2]
gpio2[1]
gpio2[0]
00h
0E
R/W
I/O Port Configuration
Reserved
extitst[2]
extitst[1]
extitst[0]
itsdo
dio2
dio1
dio0
00h
0F
R/W
ADC Configuration
adcstart/adc-
done
adcsel[2]
adcsel[1]
adcsel[0]
adcref[1]
adcref[0]
adcgain[1]
adcgain[0]
00h
10
R/W
ADC Sensor Amplifier Offset
Reserved
Reserved
Reserved
Reserved
adcoffs[3]
adcoffs[2]
adcoffs[1]
adcoffs[0]
00h
11
R
ADC Value
adc[7]
adc[6]
adc[5]
adc[4]
adc[3]
adc[2]
adc[1]
adc[0]
—
12
R/W
Temperature Sensor Control
tsrange[1]
tsrange[0]
entsoffs
entstrim
tstrim[3]
tstrim[2]
tstrim[1]
tstrim[0]
20h
13
R/W
Temperature Value Offset
tvoffs[7]
tvoffs[6]
tvoffs[5]
tvoffs[4]
tvoffs[3]
tvoffs[2]
tvoffs[1]
tvoffs[0]
00h
14
R/W
Wake-Up Timer Period 1
Reserved
Reserved
Reserved
wtr[4]
wtr[3]
wtr[2]
wtr[1]
wtr[0]
03h
15
R/W
Wake-Up Timer Period 2
wtm[15]
wtm[14]
wtm[13]
wtm[12]
wtm[11]
wtm[10]
wtm[9]
wtm[8]
00h
16
R/W
Wake-Up Timer Period 3
wtm[7]
wtm[6]
wtm[5]
wtm[4]
wtm[3]
wtm[2]
wtm[1]
wtm[0]
01h
17
R
Wake-Up Timer Value 1
wtv[15]
wtv[14]
wtv[13]
wtv[12]
wtv[11]
wtv[10]
wtv[9]
wtv[8]
—
18
R
Wake-Up Timer Value 2
wtv[7]
wtv[6]
wtv[5]
wtv[4]
wtv[3]
wtv[2]
wtv[1]
wtv[0]
—
19
Reserved
1A
R/W Low Battery Detector Threshold
Reserved
Reserved
Reserved
lbdt[4]
lbdt[3]
lbdt[2]
lbdt[1]
lbdt[0]
14h
1B
R
Battery Voltage Level
0
0
0
vbat[4]
vbat[3]
vbat[2]
vbat[1]
vbat[0]
—
1C-2F
Reserved
30
R/W
Data Access Control
Reserved
lsbfrst
crcdonly
Reserved
enpactx
encrc
crc[1]
crc[0]
8Dh
31
R
EzMAC status
0
Reserved
Reserved
Reserved
Reserved
Reserved
pktx
pksent
—
32
Reserved
33
R/W
Header Control 2
Reserved
hdlen[2]
hdlen[1]
hdlen[0]
fixpklen
synclen[1]
synclen[0]
prealen[8]
22h
34
R/W
Preamble Length
prealen[7]
prealen[6]
prealen[5]
prealen[4]
prealen[3]
prealen[2]
prealen[1]
prealen[0]
08h
36
R/W
Sync Word 3
sync[31]
sync[30]
sync[29]
sync[28]
sync[27]
sync[26]
sync[25]
sync[24]
2Dh
37
R/W
Sync Word 2
sync[23]
sync[22]
sync[21]
sync[20]
sync[19]
sync[18]
sync[17]
sync[16]
D4h
38
R/W
Sync Word 1
sync[15]
sync[14]
sync[13]
sync[12]
sync[11]
sync[10]
sync[9]
sync[8]
00h
39
R/W
Sync Word 0
sync[7]
sync[6]
sync[5]
sync[4]
sync[3]
sync[2]
sync[1]
sync[0]
00h
3A
R/W
Transmit Header 3
txhd[31]
txhd[30]
txhd[29]
txhd[28]
txhd[27]
txhd[26]
txhd[25]
txhd[24]
00h
3B
R/W
Transmit Header 2
txhd[23]
txhd[22]
txhd[21]
txhd[20]
txhd[19]
txhd[18]
txhd[17]
txhd[16]
00h
3C
R/W
Transmit Header 1
txhd[15]
txhd[14]
txhd[13]
txhd[12]
txhd[11]
txhd[10]
txhd[9]
txhd[8]
00h
3D
R/W
Transmit Header 0
txhd[7]
txhd[6]
txhd[5]
txhd[4]
txhd[3]
txhd[2]
txhd[1]
txhd[0]
00h
3E
R/W
Transmit Packet Length
pklen[7]
pklen[6]
pklen[5]
pklen[4]
pklen[3]
pklen[2]
pklen[1]
pklen[0]
00h
4F
R/W
ADC8 Control
Reserved
Reserved
adc8[5]
adc8[4]
adc8[3]
adc8[2]
adc8[1]
adc8[0]
10h
60
Reserved
62
R/W
Crystal Oscillator/Control Test
pwst[2]
pwst[1]
pwst[0]
clkhyst
enbias2x
enamp2x
bufovr
enbuf
24h
6D
R/W
TX Power
papeakval
papeaken
papeaklvl[1]
papeaklvl[0]
Ina_sw
txpow[2]
txpow[1]
txpow[0]
18h
6E
R/W
TX Data Rate 1
txdr[15]
txdr[14]
txdr[13]
txdr[12]
txdr[11]
txdr[10]
txdr[9]
txdr[8]
0Ah
6F
R/W
TX Data Rate 0
txdr[7]
txdr[6]
txdr[5]
txdr[4]
txdr[3]
txdr[2]
txdr[1]
txdr[0]
3Dh
70
R/W
Modulation Mode Control 1
Reserved
Reserved
txdtrtscale
enphpwdn
manppol
enmaninv
enmanch
enwhite
0Ch
71
R/W
Modulation Mode Control 2
trclk[1]
trclk[0]
dtmod[1]
dtmod[0]
eninv
fd[8]
modtyp[1]
modtyp[0]
00h
72
R/W
Frequency Deviation
fd[7]
fd[6]
fd[5]
fd[4]
fd[3]
fd[2]
fd[1]
fd[0]
20h
73
R/W
Frequency Offset 1
fo[7]
fo[6]
fo[5]
fo[4]
fo[3]
fo[2]
fo[1]
fo[0]
00h
74
R/W
Frequency Offset 2
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
fo[9]
fo[8]
00h
75
R/W
Frequency Band Select
Reserved
sbsel
hbsel
fb[4]
fb[3]
fb[2]
fb[1]
fb[0]
75h
76
R/W
Nominal Carrier Frequency 1
fc[15]
fc[14]
fc[13]
fc[12]
fc[11]
fc[10]
fc[9]
fc[8]
BBh
77
R/W
Nominal Carrier Frequency 0
fc[7]
fc[6]
fc[5]
fc[4]
fc[3]
fc[2]
fc[1]
fc[0]
80h
79
R/W
Frequency Hopping Channel
Select
fhch[7]
fhch[6]
fhch[5]
fhch[4]
fhch[3]
fhch[2]
fhch[1]
fhch[0]
00h
7A
R/W
Frequency Hopping Step Size
fhs[7]
fhs[6]
fhs[5]
fhs[4]
fhs[3]
fhs[2]
fhs[1]
fhs[0]
00h
7C
R/W
TX FIFO Control 1
Reserved
Reserved
txafthr[5]
txafthr[4]
txafthr[3]
txafthr[2]
txafthr[1]
txafthr[0]
37h
7D
R/W
TX FIFO Control 2
Reserved
Reserved
txaethr[5]
txaethr[4]
txaethr[3]
txaethr[2]
txaethr[1]
txaethr[0]
04h
7E
Reserved
7F
R/W
FIFO Access
fifod[7]
fifod[6]
fifod[5]
fifod[4]
fifod[3]
fifod[2]
fifod[1]
fifod[0]
—
45
Tel: +86-755-82973805
Fax: +86-755-82973550
E-mail: sales@hoperf.com http://www.hoperf.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com